Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1820630000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1820630000
Description  System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1820630000 Datasheet(HTML) 5 Page - Weidmuller

  1820630000 Datasheet HTML 1Page - Weidmuller 1820630000 Datasheet HTML 2Page - Weidmuller 1820630000 Datasheet HTML 3Page - Weidmuller 1820630000 Datasheet HTML 4Page - Weidmuller 1820630000 Datasheet HTML 5Page - Weidmuller 1820630000 Datasheet HTML 6Page - Weidmuller 1820630000 Datasheet HTML 7Page - Weidmuller 1820630000 Datasheet HTML 8Page - Weidmuller 1820630000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Datasheet
System pitch 5.08 mm (0.200 inch)
BLZP 5.08/12/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
Mating connector (fully pluggable)
Creation date June 17, 2010 5:46:49 PM CEST
Last update 03.05.2010 / We reserve the right to make technical changes.
5
SL-SMT 5.08/180G Box
High-temperature-resistant male connector, packed in box or
tape. In tape with 1.5 mm solder pin optimised for automatic
assembly. 3.2 mm solder pin suitable for reflow and wave
soldering. Stable up to 290°C (2 x 30 s), which exceeds the
requirements of EN 61760-1. These male connectors can be
labelled and coded.
• 400 V (IEC) / 300 V (UL)
• 19 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1838310000
SL-SMT 5.08/12/180G 3.2SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 180°, Solder pin length:
3.2 mm, tinned, black, Reflow
solder connection, Box
4032248348374
50 pc(s).
Box
1776022001
SL-SMT 5.08/12/180G 1.5SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 180°, Solder pin length:
1.5 mm, tinned, black, Reflow
solder connection, Box
4032248159017
50 pc(s).
Box
SL-SMT 5.08/90G Box
High-temperature-resistant male connector, packed in box or
tape. In tape with 1.5 mm solder pin optimised for automatic
assembly. 3.2 mm solder pin suitable for reflow and wave
soldering. Stable up to 290°C (2 x 30 s), which exceeds the
requirements of EN 61760-1. These male connectors can be
labelled and coded.
• 400 V (IEC) / 300 V (UL)
• 19 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1775102001
SL-SMT 5.08/12/90G 1.5SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 90°, Solder pin length:
1.5 mm, tinned, black, Reflow
solder connection, Box
4032248156573
50 pc(s).
Box
1780280000
SL-SMT 5.08/12/90G 3.2SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 90°, Solder pin length:
3.2 mm, tinned, black, Reflow
solder connection, Box
4032248165605
50 pc(s).
Box


Similar Part No. - 1820630000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1820 ETC2-1820 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
1820 ETC2-1820 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
1820 ETC2-1820 Datasheet
1Mb / 16P
   Drywall Punch
logo
Heyco.
1820 HEYCO-1820 Datasheet
173Kb / 1P
   RDD Lockit™ Strain Relief Bushings – Right Angle
logo
Bourns Electronic Solut...
1820-10-XX BOURNS-1820-10-XX Datasheet
350Kb / 2P
   Signal and Dataline Protector
More results

Similar Description - 1820630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
   BLF 5.08/12/180 SN BK BX
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN BK BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
   BLF 5.08/10/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
   BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
   BLF 5.08/08/180 SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com