Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012IUF-3-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4012IUF-3-TRPBF
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012IUF-3-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4012IUF-3-TRPBF Datasheet HTML 1Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 2Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 3Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 4Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 5Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 6Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 7Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 8Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image

40123fb
LTC4012-3
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVDD Regulator
INTVDD
Output Voltage
No Load
l
4.85
5
5.15
V
∆VDD
Load Regulation
IDD = 20mA
–0.4
–1
%
IDD
Short-Circuit Current (Note 5)
INTVDD = 0V
50
85
130
mA
Switching Regulator
VACP
AC Present Charge Enable Threshold Voltage
DCIN – BAT, DCIN Rising
C-Grade
I-Grade
l
l
350
300
500
650
700
mV
mV
IITH
ITH Current
ITH = 1.4V
–40/+90
µA
fTYP
Typical Switching Frequency
467
550
633
kHz
fMIN
Minimum Switching Frequency
CLOAD = 3.3nF
20
25
kHz
DCMAX
Maximum Duty Cycle
CLOAD = 3.3nF
98
99
%
tR-TG
TGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
110
ns
tF-TG
TGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
50
110
ns
tR-BG
BGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
110
ns
tF-BG
BGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
60
110
ns
tNO
TGATE, BGATE Non-Overlap Time
CLOAD = 3.3nF, 10% – 10%
110
ns
PowerPath Control
IDCIN
DCIN Input Current
0V ≤ DCIN ≤ CLP
l
–10
60
µA
VFTO
Forward Turn-On Voltage (DCIN Detection Threshold) DCIN-CLP, DCIN Rising
l
15
60
mV
VFR
Forward Regulation Voltage
DCIN-CLP
l
15
25
35
mV
VRTO
Reverse Turn-Off Voltage
DCIN-CLP, DCIN Falling
l
–45
–25
–15
mV
VOL(INFET) INFET Output Low Voltage, Relative to CLP
DCIN-CLP = 0.1V, IINFET =1µA
–6.5
–5
V
VOH(INFET) INFET Output High Voltage, Relative to CLP
DCIN-CLP = –0.1V, IINFET =–5µA
–250
250
mV
tIF(ON)
INFET Turn-On Time
To CLP-INFET > 3V, CINFET = 1nF
85
180
µs
tIF(OFF)
INFET Turn-Off Time
To CLP-INFET < 1.5V, CINFET = 1nF
2.5
6
µs
Indicator Outputs
VOL
Output Voltage Low
ILOAD = 100µA, PROG = 1.2V
500
mV
ILEAK
Output Leakage
SHDN = 0V, DCIN = 0V, VOUT = 20V
l
–10
10
µA
IC10
CHRG C/10 Current Sink
CHRG = 2.5V
l
15
25
38
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4012C-3 is guaranteed to meet performance specifications
over the 0°C to 85°C operating temperature range. The LTC4012I-3 is
guaranteed to meet performance specifications over the –40°C to 125°C
operating temperature range.
Note 3: Operating junction temperature TJ (in °C) is calculated from
the ambient temperature TA and the total continuous package power
dissipation PD (in watts) by the formula TJ = TA + (θJA • PD). Refer to the
Applications Information section for details.
Note 4: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND, unless otherwise
specified.
Note 5: Output current may be limited by internal power dissipation. Refer
to the Applications Information section for details.


Similar Part No. - LTC4012IUF-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4012 LINER-LTC4012 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4012 LINER-LTC4012 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012 AD-LTC4012 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LTC4012IUF-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com