Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012IUF-3-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4012IUF-3-TRPBF
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012IUF-3-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4012IUF-3-TRPBF Datasheet HTML 5Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 6Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 7Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 8Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 9Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 10Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 11Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 12Page - Linear Technology LTC4012IUF-3-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image

40123fb
LTC4012-3
pin FuncTions
BGATE (Pin 16): External Synchronous NFET Gate Control
Output.ThisoutputprovidesgatedrivetoanexternalNMOS
powertransistorswitchusedforsynchronousrectification
to increase efficiency in the step-down DC/DC converter.
Operating voltage is GND to INTVDD. BGATE should be
left floating if not used.
INTVDD (Pin 17): Internal 5V Regulator Output. This pin
provides a means of bypassing the internal 5V regulator
used to power the LTC4012-3 PWM FET drivers. This sup-
ply shuts down when the LTC4012-3 shuts down. Refer to
the Application Information section for details if additional
power is drawn from this pin by the application circuit.
SW (Pin 18): PWM Switch Node. The LTC4012-3 uses the
voltage on this pin as the source reference for its topside
NFET (PWM switch) driver. Refer to the Applications In-
formation section for additional PCB layout suggestions
related to this critical circuit node. Operating voltage range
is GND to CLN.
TGATE(Pin19):ExternalNFETSwitchGateControlOutput.
ThisoutputprovidesgatedrivetoanexternalNMOSpower
transistor switch used in the DC/DC converter. Operating
voltage range is GND to (CLN + 5V).
BOOST (Pin 20): TGATE Driver Supply Input. A bootstrap
capacitor is returned to this pin from a charge network
connected to SW and INTVDD. Refer to the Applications
Information section for complete details on circuit topol-
ogyandcomponentvalues.Operatingvoltagerangesfrom
(INTVDD – 1V) to (CLN + 5V).
GND (Exposed Pad Pin 21): Ground. The package paddle
provides a single-point ground for the internal voltage
referenceandothercriticalLTC4012-3circuits.Itshouldbe
soldered to a suitable PCB copper ground pad for proper
electrical operation and to obtain the specified package
thermal resistance.


Similar Part No. - LTC4012IUF-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4012 LINER-LTC4012 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4012 LINER-LTC4012 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012 AD-LTC4012 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LTC4012IUF-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com