Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4219 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4219
Description  5A Integrated Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4219 Datasheet(HTML) 2 Page - Linear Technology

  LTC4219 Datasheet HTML 1Page - Linear Technology LTC4219 Datasheet HTML 2Page - Linear Technology LTC4219 Datasheet HTML 3Page - Linear Technology LTC4219 Datasheet HTML 4Page - Linear Technology LTC4219 Datasheet HTML 5Page - Linear Technology LTC4219 Datasheet HTML 6Page - Linear Technology LTC4219 Datasheet HTML 7Page - Linear Technology LTC4219 Datasheet HTML 8Page - Linear Technology LTC4219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4219
2
4219f
16
15
14
13
12
11
10
9
17
SENSE
1
2
3
4
5
6
7
8
VDD
ISET
IMON
FB
FLT
PG
GATE
OUT
VDD
EN1
EN2
TIMER
INTVCC
GND
OUT
OUT
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
θJA = 43°C/W EXPOSED PAD SOLDERED, OTHERWISE θJA = 140°C/W
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ................................. –0.3V to 28V
Input Voltages
FB, EN1, EN2 ......................................... –0.3V to 12V
TIMER................................................... –0.3V to 3.5V
SENSE .............................VDD – 10V or – 0.3V to VDD
Output Voltages
ISET, IMON................................................. –0.3V to 3V
PG, FLT .................................................. –0.3V to 35V
OUT ............................................ –0.3V to VDD + 0.3V
INTVCC .................................................. –0.3V to 3.5V
GATE (Note 3)........................................ –0.3V to 33V
Operating Temperature Range
LTC4219C ................................................ 0°C to 70°C
LTC4219I.............................................. –40°C to 85°C
Junction Temperature (Notes 4, 5)........................ 125°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 2)
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4219CDHC-12#PBF
LTC4219CDHC-12#TRPBF 421912
16-Lead (5mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4219IDHC-12#PBF
LTC4219IDHC-12#TRPBF
421912
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4219CDHC-5#PBF
LTC4219CDHC-5#TRPBF
42195
16-Lead (5mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4219IDHC-5#PBF
LTC4219IDHC-5#TRPBF
42195
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC4219

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LTC4219 AD-LTC4219 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4219CDHC-12PBF LINER-LTC4219CDHC-12PBF Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219CDHC-12TRPBF LINER-LTC4219CDHC-12TRPBF Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219CDHC-5PBF LINER-LTC4219CDHC-5PBF Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
More results

Similar Description - LTC4219

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com