Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4012-3
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC4012-3 Datasheet HTML 1Page - Linear Technology LTC4012-3 Datasheet HTML 2Page - Linear Technology LTC4012-3 Datasheet HTML 3Page - Linear Technology LTC4012-3 Datasheet HTML 4Page - Linear Technology LTC4012-3 Datasheet HTML 5Page - Linear Technology LTC4012-3 Datasheet HTML 6Page - Linear Technology LTC4012-3 Datasheet HTML 7Page - Linear Technology LTC4012-3 Datasheet HTML 8Page - Linear Technology LTC4012-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image

40123fb
LTC4012-3
pin conFiguraTion
absoluTe MaxiMuM raTings
DCIN ............................................................–14V to 30V
DCIN to CLP................................................ –32V to 20V
CLP, CLN or SW to GND............................. –0.3V to 30V
CLP to CLN ............................................................±0.3V
CSP, CSN or BAT to GND ........................... –0.3V to 28V
CSP to CSN............................................................±0.3V
BOOST to GND........................................... –0.3V to 36V
BOOST to SW...............................................–0.3V to 7V
SHDN or VFB to GND....................................–0.3V to 7V
CHRG or ICL to GND.................................. –0.3V to 30V
Operating Temperature Range
(Note 2) ............................................. –40°C to 125°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range ..................–65°C to 150°C
(Note 1)
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm 4mm) PLASTIC QFN
9 10
5
4
3
2
1
11
12
13
14
15
CLN
CLP
INFET
DCIN
GND
CSP
CSN
PROG
ITH
BAT
TJMAX = 125°C, JA = 37°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4012CUF-3#PBF
LTC4012CUF-3#TRPBF
40123
20-Lead (4mm
× 4mm) Plastic QFN
0°C to 85°C
LTC4012IUF-3#PBF
LTC4012IUF-3#TRPBF
40123
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC4012-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-3 LINER-LTC4012-3 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
logo
Linear Technology
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results

Similar Description - LTC4012-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com