Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3859IFE-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3859IFE-PBF
Description  Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859IFE-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3859IFE-PBF Datasheet HTML 5Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 6Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 7Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 8Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 9Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 10Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 11Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 12Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC3859
9
3859f
TYPICAL PERFORMANCE CHARACTERISTICS
Buck Foldback Current Limit
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Charge Pump Charging Current
vs Operating Frequency
Charge Pump Charging Current
vs Switch Voltage
Shutdown Current vs Temperature
Shutdown Current
vs Input Voltage
Quiescent Current vs Temperature
TEMPERATURE (°C)
–45
22
20
16
14
10
18
12
8
30
55
80
105
130
–20
3859 G28
5
INPUT VOLTAGE (V)
5
25
20
15
5
10
0
20
25
30
35
40
10
3859 G29
15
TEMPERATURE (°C)
–45
100
90
80
50
60
70
40
30
55
80
105
130
ONE CHANNEL ON
–20
3859 G30
ALL CHANNELS ON
5
FEEDBACK VOLTAGE (mV)
0
70
60
50
20
10
30
40
65
55
45
15
5
25
35
0
300 400 500 600 700 800
100
3859 G31
200
TEMPERATURE (°C)
–45
600
550
500
350
400
450
300
30
55
80
105
130
–20
3859 G32
FREQ = INTVCC
FREQ = GND
5
TEMPERATURE (°C)
–45
4.4
4.3
4.2
3.6
3.8
4.0
3.4
3.5
3.7
3.9
4.1
30
55
80
105
130
–20
3859 G33
RISING
FALLING
5
TEMPERATURE (°C)
–45
1.40
1.35
1.30
1.20
1.00
1.15
1.10
1.05
1.25
30
55
80
105
130
–20
3859 G34
RUN1 RISING
RUN2,3 RISING
RUN1 FALLING
RUN2,3 FALLING
5
OPERATING FREQUENCY (kHz)
100
100
80
90
60
70
20
30
0
10
40
50
400
500
600
700
800
200
3859 G35
–45°C
25°C
130°C
300
VBOOST3 = 16V
VSW3 = 12V
SWITCH VOLTAGE (V)
5
100
80
90
60
70
20
30
0
10
40
50
20
25
30
35
40
10
3859 G36
FREQ = 0V
FREQ = INTVCC
15
VBOOST3 – VSW3 = 4V


Similar Part No. - LTC3859IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3859 LINER-LTC3859 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3859 LINER-LTC3859 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3859A LINER-LTC3859A Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3859A LINER-LTC3859A Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3859IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
logo
Linear Technology
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859AL LINER-LTC3859AL Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com