Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1979480000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1979480000
Description  BLF 5.00/04/90F SN BK BX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1979480000 Datasheet(HTML) 3 Page - Weidmuller

  1979480000 Datasheet HTML 1Page - Weidmuller 1979480000 Datasheet HTML 2Page - Weidmuller 1979480000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.00/90F SN
- 3 -
Notes
Similar products
Order No.
Part designation
Version
1979460000
BLF 5.00/02/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 2, 90°, Box
1979470000
BLF 5.00/03/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 3, 90°, Box
1979490000
BLF 5.00/05/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 5, 90°, Box
1979500000
BLF 5.00/06/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 6, 90°, Box
1979510000
BLF 5.00/07/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 7, 90°, Box
1979520000
BLF 5.00/08/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 8, 90°, Box
1979530000
BLF 5.00/09/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 9, 90°, Box
1979540000
BLF 5.00/10/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 10, 90°, Box
1979550000
BLF 5.00/11/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 11, 90°, Box
1979560000
BLF 5.00/12/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 12, 90°, Box
1979570000
BLF 5.00/13/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 13, 90°, Box
1979580000
BLF 5.00/14/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 14, 90°, Box
1979590000
BLF 5.00/15/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 15, 90°, Box
1979600000
BLF 5.00/16/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 16, 90°, Box
1979610000
BLF 5.00/17/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 17, 90°, Box
1979620000
BLF 5.00/18/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 18, 90°, Box
1979630000
BLF 5.00/19/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 19, 90°, Box
1979640000
BLF 5.00/20/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 20, 90°, Box


Similar Part No. - 1979480000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
19794 TALEMA-19794 Datasheet
41Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
logo
Weidmuller
1979400000 WEIDMULLER-1979400000 Datasheet
75Kb / 3P
   BLF 5.00/02/90 SN BK BX
1979410000 WEIDMULLER-1979410000 Datasheet
75Kb / 3P
   BLF 5.00/02/90 SN BK BX
1979420000 WEIDMULLER-1979420000 Datasheet
75Kb / 3P
   BLF 5.00/02/90 SN BK BX
1979430000 WEIDMULLER-1979430000 Datasheet
75Kb / 3P
   BLF 5.00/02/90 SN BK BX
More results

Similar Description - 1979480000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1979540000 WEIDMULLER-1979540000 Datasheet
78Kb / 3P
   BLF 5.00/10/90F SN BK BX
1000240001 WEIDMULLER-1000240001 Datasheet
77Kb / 3P
   BLF 5.08/04/90F SN BK BX
1979560000 WEIDMULLER-1979560000 Datasheet
78Kb / 3P
   BLF 5.00/12/90F SN BK BX
1979500000 WEIDMULLER-1979500000 Datasheet
78Kb / 3P
   BLF 5.00/06/90F SN BK BX
1979520000 WEIDMULLER-1979520000 Datasheet
76Kb / 3P
   BLF 5.00/08/90F SN BK BX
1979810000 WEIDMULLER-1979810000 Datasheet
80Kb / 3P
   BLF 5.00/04/90LR SN BK BX
1979290000 WEIDMULLER-1979290000 Datasheet
75Kb / 3P
   BLF 5.00/04/90 SN BK BX
1980000000 WEIDMULLER-1980000000 Datasheet
79Kb / 3P
   BLF 5.00/04/90LH SN BK BX
1000280001 WEIDMULLER-1000280001 Datasheet
77Kb / 3P
   BLF 5.08/08/90F SN BK BX
1000360001 WEIDMULLER-1000360001 Datasheet
77Kb / 3P
   BLF 5.08/16/90F SN BK BX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com