Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1837730000 Datasheet(PDF) 8 Page - Weidmuller

Part # 1837730000
Description  System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1837730000 Datasheet(HTML) 8 Page - Weidmuller

Back Button 1837730000 Datasheet HTML 4Page - Weidmuller 1837730000 Datasheet HTML 5Page - Weidmuller 1837730000 Datasheet HTML 6Page - Weidmuller 1837730000 Datasheet HTML 7Page - Weidmuller 1837730000 Datasheet HTML 8Page - Weidmuller 1837730000 Datasheet HTML 9Page - Weidmuller 1837730000 Datasheet HTML 10Page - Weidmuller 1837730000 Datasheet HTML 11Page - Weidmuller 1837730000 Datasheet HTML 12Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Datasheet
System pitch 5.08 mm (0.200 inch)
BLZP 5.08/12/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
Mating connector (fully pluggable)
Creation date June 17, 2010 5:46:49 PM CEST
Last update 03.05.2010 / We reserve the right to make technical changes.
8
SLDF 5.08
Male connector for through-panel mounting with optional
locking function. Internal connection as flat-blade or solder
connection. These male connectors provide space for labelling
and can be coded. Packed in cardboard box.
• 400 V (IEC) / 300 V (UL)
• 15 A (IEC) / 10 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1599230000
SLDF 5.08 L/F 12 SN OR
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 180°, Clamping range,
max.: , Box
4008190155100
50 pc(s).
Box
SL-SMT 5.08/180 Box
High-temperature-resistant, straight, open ended male
connector. Packed in box or tape. In tape with 1.5 mm solder
pin optimised for automatic assembly. 3.2 mm solder pin
suitable for reflow and wave soldering. Stable up to 290°C (2 x
30 s), which exceeds the requirements of EN 61760-1. These
male connectors can be labelled and coded.
• 400 V (IEC) / 300 V (UL)
• 19 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1838080000
SL-SMT 5.08/12/180 3.2SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 180°, Solder pin length:
3.2 mm, tinned, black, Reflow
solder connection, Box
4032248348145
50 pc(s).
Box
1775702001
SL-SMT 5.08/12/180 1.5SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 180°, Solder pin length:
1.5 mm, tinned, black, Reflow
solder connection, Box
4032248158348
50 pc(s).
Box


Similar Part No. - 1837730000

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18377 VICOR-18377 Datasheet
148Kb / 4P
   16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1837706 PHOENIX-1837706 Datasheet
69Kb / 4P
   Printed-circuit board connector - MVSTBW 2,5/ 8-ST BK AU
1837748 PHOENIX-1837748 Datasheet
56Kb / 3P
   Printed-circuit board connector - GMSTB 2,5/ 6-G GY
More results

Similar Description - 1837730000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
   BLF 5.08/12/180 SN BK BX
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN BK BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
   BLF 5.08/10/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
   BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
   BLF 5.08/08/180 SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com