Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3631EMS8E-3.3-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3631EMS8E-3.3-TRPBF
Description  High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631EMS8E-3.3-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3631EMS8E-3.3-TRPBF Datasheet HTML 1Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 2Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 3Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 4Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 5Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 6Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 7Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 8Page - Linear Technology LTC3631EMS8E-3.3-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC3631
2
3631fb
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage..................................... –0.3V to 60V
SW Voltage (DC) ........................... –0.3V to (VIN + 0.3V)
RUN Voltage .............................................. –0.3V to 60V
HYST, ISET, SS Voltages ............................... –0.3V to 6V
VFB ............................................................... –0.3V to 6V
VOUT (Fixed Output Versions)....................... –0.3V to 6V
(Note 1)
1
2
3
4
SW
VIN
ISET
SS
8
7
6
5
GND
HYST
VOUT/VFB
RUN
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W, θJC = 5°-10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
9
GND
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SW
VIN
ISET
SS
GND
HYST
VOUT/VFB
RUN
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS8E ................................................................ 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3631EMS8E#PBF
LTC3631EMS8E#TRPBF
LTFDT
8-Lead Plastic MSOP
–40°C to 125°C
LTC3631EMS8E-3.3#PBF
LTC3631EMS8E-3.3#TRPBF
LTFFP
8-Lead Plastic MSOP
–40°C to 125°C
LTC3631EMS8E-5#PBF
LTC3631EMS8E-5#TRPBF
LTFFR
8-Lead Plastic MSOP
–40°C to 125°C
LTC3631IMS8E#PBF
LTC3631IMS8E#TRPBF
LTFDT
8-Lead Plastic MSOP
–40°C to 125°C
LTC3631IMS8E-3.3#PBF
LTC3631IMS8E-3.3#TRPBF
LTFFP
8-Lead Plastic MSOP
–40°C to 125°C
LTC3631IMS8E-5#PBF
LTC3631IMS8E-5#TRPBF
LTFFR
8-Lead Plastic MSOP
–40°C to 125°C
LTC3631EDD#PBF
LTC3631EDD#TRPBF
LFDV
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3631EDD-3.3#PBF
LTC3631EDD-3.3#TRPBF
LFFN
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3631EDD-5#PBF
LTC3631EDD-5#TRPBF
LFFQ
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3631IDD#PBF
LTC3631IDD#TRPBF
LFDV
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3631IDD-3.3#PBF
LTC3631IDD-3.3#TRPBF
LFFN
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3631IDD-5#PBF
LTC3631IDD-5#TRPBF
LFFQ
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3631EMS8E-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3631 LINER-LTC3631 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3631 LINER-LTC3631 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3631 LINER-LTC3631 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3631 LINER-LTC3631 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
More results

Similar Description - LTC3631EMS8E-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3631 LINER-LTC3631_15 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com