Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3829EUHF-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3829EUHF-TRPBF
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829EUHF-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3829EUHF-TRPBF Datasheet HTML 4Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 5Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 6Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 9Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 10Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 11Page - Linear Technology LTC3829EUHF-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC3829

3829f
Typical perForMance characTerisTics
Undervoltage Lockout Threshold
(INTVCC) vs Temperature
Oscillator Frequency
vs Input Voltage
Shutdown Current
vs Input Voltage
Shutdown Current vs Temperature
Quiescent Current vs Temperature
without EXTVCC
Regulated Feedback Voltage
vs Temperature
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–50
600
700
25
75
3829 G17
500
400
–25
0
50
100
125
300
200
VFREQ ≥ 2.4V
VFREQ = 1.2V
VFREQ = 0V
INPUT VOLTAGE (V)
0
0
200
400
600
800
5
10
15
20
3829 G19
25
30
35
40
VFREQ ≥ 2.4V
VFREQ = 1.2V
VFREQ = 0V
INPUT VOLTAGE (V)
5
10
0
20
50
15
25
30
3829 G20
10
40
30
20
35
40
TEMPERATURE (°C)
–50
40
50
70
25
75
3829 G21
30
20
–25
0
50
100
125
10
0
60
TEMPERATURE (°C)
–50
4
5
6
25
75
3829 G22
3
2
–25
0
50
100
125
1
0
TEMPERATAURE (°C)
–50
0.600
0.602
0.604
25
75
3829 G16
0.598
0.596
–25
0
50
100
125
0.594
0.592
TEMPERATURE (°C)
–50
2.5
2.7
3.1
3.3
3.5
50
4.3
3829 G18
2.9
0
–25
75
100
25
125
3.7
3.9
4.1
RISING
FALLING


Similar Part No. - LTC3829EUHF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829 LINER-LTC3829 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3829 LINER-LTC3829 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3829 LINER-LTC3829 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results

Similar Description - LTC3829EUHF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3773 LINER-LTC3773 Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com