Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3829IUHF-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3829IUHF-PBF
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829IUHF-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3829IUHF-PBF Datasheet HTML 2Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 3Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 4Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 5Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 6Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 7Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 8Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 9Page - Linear Technology LTC3829IUHF-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC3829

3829f
Typical perForMance characTerisTics
Phase Shedding Transition
Phase Shedding Transition
Prebiased Output at 2V
Coincident Tracking
Load Step-Up (0A to 75A, 75A/µs)
(Nonlinear Operation)
Load Step-Up (0A to 75A, 75A/µs)
(Normal Operation)
VOUT
100mV/DIV
AC-COUPLED
VSW1
10V/DIV
VSW2
10V/DIV
VSW3
10V/DIV
2µs/DIV
3829 G01
75mV
VOUT
100mV/DIV
AC-COUPLED
VSW1
10V/DIV
VSW2
10V/DIV
VSW3
10V/DIV
2µs/DIV
3829 G02
95mV
RUN
2V/DIV
VOUT1 = 3.3V
VOUT2 = 1.5V
1V/DIV
2ms/DIV
VIN = 12V
NO LOAD
3829 G06
VOUT1
VOUT2
VSW1
10V/DIV
VSW2
10V/DIV
VSW3
10V/DIV
2µs/DIV
VIN = 12V
3829 G03
VSW1
10V/DIV
VSW2
10V/DIV
VSW3
10V/DIV
2µs/DIV
VIN = 12V
3829 G04
VOUT
1V/DIV
VFB
500mV/DIV
TK/SS
500mV/DIV
2ms/DIV
VIN = 12V
VOUT = 3.3V
3829 G05


Similar Part No. - LTC3829IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829 LINER-LTC3829 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3829 LINER-LTC3829 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3829 LINER-LTC3829 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results

Similar Description - LTC3829IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3773 LINER-LTC3773 Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com