Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3631EDD-5-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3631EDD-5-PBF
Description  High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631EDD-5-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3631EDD-5-PBF Datasheet HTML 3Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 4Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 5Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 6Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 7Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 8Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 9Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 10Page - Linear Technology LTC3631EDD-5-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC3631
7
3631fb
BLOCK DIAGRAM
+
1
LOGIC
AND
SHOOT-
THROUGH
PREVENTION
PEAK CURRENT
COMPARATOR
SW
VIN
SS
VOLTAGE
REFERENCE
FEEDBACK
COMPARATOR
5μA
3631 BD
IMPLEMENT DIVIDER
EXTERNALLY FOR
ADJUSTABLE VERSION
R2
R1
C1
VOUT
L1
REVERSE CURRENT
COMPARATOR
+
+
+
0.800V
4
RUN
1.2V
5
ISET
3
HYST
7
GND
9
GND
8
VOUT/VFB
6
1μA
2
C2
PART
NUMBER
LTC3631
LTC3631-3.3
LTC3631-5
R1
0
2.5M
4.2M
R2
800k
800k


Similar Part No. - LTC3631EDD-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3631 LINER-LTC3631 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3631 LINER-LTC3631 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3631 LINER-LTC3631 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3631 LINER-LTC3631 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
More results

Similar Description - LTC3631EDD-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3631 LINER-LTC3631_15 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com