Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1780050000 Datasheet(PDF) 7 Page - Weidmuller

Part # 1780050000
Description  System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1780050000 Datasheet(HTML) 7 Page - Weidmuller

Back Button 1780050000 Datasheet HTML 3Page - Weidmuller 1780050000 Datasheet HTML 4Page - Weidmuller 1780050000 Datasheet HTML 5Page - Weidmuller 1780050000 Datasheet HTML 6Page - Weidmuller 1780050000 Datasheet HTML 7Page - Weidmuller 1780050000 Datasheet HTML 8Page - Weidmuller 1780050000 Datasheet HTML 9Page - Weidmuller 1780050000 Datasheet HTML 10Page - Weidmuller 1780050000 Datasheet HTML 11Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Datasheet
System pitch 5.08 mm (0.200 inch)
BLZP 5.08/12/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
Mating connector (fully pluggable)
Creation date June 17, 2010 5:46:49 PM CEST
Last update 03.05.2010 / We reserve the right to make technical changes.
7
SLD 5.08/90G
2-tier male connector with parallel pin arrangement. The
solder pin length is optimised for wave flow soldering. The
male connectors provide space for labelling and can be
coded. Packed in cardboard box.
• 400 V (IEC) / 300 V (UL)
• 11 A (IEC) / 10 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1601890000
SLD 5.08/24/90G 3.2SN OR BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
24, 90°, Solder pin length: 3.2
mm, tinned, Orange, Solder
connection, Box
4008190132835
10 pc(s).
Box
SL-SMT 5.08/90 Box
High-temperature-resistant, 90° angled, open male connector.
Packed in box or tape. In tape with 1.5 mm solder pin
optimised for automatic assembly. 3.2 mm solder pin suitable
for reflow and wave soldering. Stable up to 290°C (2 x 30 s),
which exceeds the requirements of EN 61760-1. These male
connectors can be labelled and coded.
• 400 V (IEC) / 300 V (UL)
• 19 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1774862001
SL-SMT 5.08/12/90 1.5SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 90°, Solder pin length:
1.5 mm, tinned, black, Reflow
solder connection, Box
4032248155903
50 pc(s).
Box
1780050000
SL-SMT 5.08/12/90 3.2SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 90°, Solder pin length:
3.2 mm, tinned, black, Reflow
solder connection, Box
4032248165377
50 pc(s).
Box


Similar Part No. - 1780050000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1780050 WURTH-1780050 Datasheet
1Mb / 20P
   MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0
More results

Similar Description - 1780050000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
   BLF 5.08/12/180 SN BK BX
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN BK BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
   BLF 5.08/10/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
   BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
   BLF 5.08/08/180 SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com