Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JV1F-5V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # JV1F-5V
Description  FLAT TYPE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JV1F-5V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  JV1F-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JV1F-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JV1F-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JV1F-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JV
88
TYPES
Contact arrangement
Coil voltage, V DC
Part No.
Sealed type
Flux-resistant type
1 Form A
Standard type
5
JV1a-5V
JV1aF-5V
6
JV1a-6V
JV1aF-6V
9
JV1a-9V
JV1aF-9V
12
JV1a-12V
JV1aF-12V
18
JV1a-18V
JV1aF-18V
24
JV1a-24V
JV1aF-24V
48
JV1a-48V
JV1aF-48V
100
JV1a-100V
JV1aF-100V
1 Form A
High capacity type
5
JV1aP-5V
JV1aPF-5V
6
JV1aP-6V
JV1aPF-6V
9
JV1aP-9V
JV1aPF-9V
12
JV1aP-12V
JV1aPF-12V
18
JV1aP-18V
JV1aPF-18V
24
JV1aP-24V
JV1aPF-24V
48
JV1aP-48V
JV1aPF-48V
100
JV1aP-100V
JV1aPF-100V
1 Form A
High sensitivity type
5
JV1aS-5V
JV1aFS-5V
6
JV1aS-6V
JV1aFS-6V
9
JV1aS-9V
JV1aFS-9V
12
JV1aS-12V
JV1aFS-12V
18
JV1aS-18V
JV1aFS-18V
24
JV1aS-24V
JV1aFS-24V
1 Form C
5
JV1-5V
JV1F-5V
6
JV1-6V
JV1F-6V
9
JV1-9V
JV1F-9V
12
JV1-12V
JV1F-12V
18
JV1-18V
JV1F-18V
24
JV1-24V
JV1F-24V
48
JV1-48V
JV1F-48V
100
JV1-100V
JV1F-100V
COIL DATA (at 20
°C 68°F)
Part No.
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Coil resistance,
Ω (±10%)
Nominal operat-
ing current, mA
(
±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
1 Form A
(Standard type &
High capacity
type)
5
4.0
0.25
125
40
200
7.5
6
4.8
0.3
180
33.3
200
9
9
7.2
0.45
405
22.2
200
13.5
12
9.6
0.6
720
16.7
200
18
18
14.4
0.9
1,620
11.1
200
27
24
19.2
1.2
2,880
8.3
200
36
48
38.4
2.4
11,520
4.2
200
72
100
48
3
16,600
6
600
110
1 Form A
(High sensitivity
type)
5
4.0
0.25
250
20
100
9
6
4.8
0.3
360
16.7
100
10.8
9
7.2
0.45
810
11.1
100
16.2
12
9.6
0.6
1,440
8.3
100
21.6
18
14.4
0.9
3,240
5.6
100
32.4
24
19.2
1.2
5,760
4.2
100
43.2
1 Form C
5
4.0
0.25
62.5
80
400
6.5
6
4.8
0.3
90
66.7
400
7.8
9
7.2
0.45
202.5
44.4
400
11.7
12
9.6
0.6
360
33.3
400
15.6
18
14.4
0.9
810
22.2
400
23.4
24
19.2
1.2
1,440
16.7
400
31.2
48
38.4
2.4
5,760
8.3
400
62.4
100
70
5
16,600
6
600
110


Similar Part No. - JV1F-5V

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
JV112A11NPA0 VITALCONN-JV112A11NPA0 Datasheet
493Kb / 1P
   RJ45 1*1 Vertical Type W/LED
REV: A
logo
DB Lectro Inc
JV1206ML030A DBLECTRO-JV1206ML030A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML030L DBLECTRO-JV1206ML030L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050A DBLECTRO-JV1206ML050A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050L DBLECTRO-JV1206ML050L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results

Similar Description - JV1F-5V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
logo
Adam Technologies, Inc.
RPM1CP ADAM-TECH-RPM1CP Datasheet
173Kb / 2P
   RELAY POWER RELAY-TYPE RPM
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
   RELAY MINIATURE POWER RELAY-TYPE RPS
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
Mitsubishi Electric Sem...
PM50RLB120 MITSUBISHI-PM50RLB120 Datasheet
102Kb / 6P
   FLAT-BASE TYPE INTELLIGENT POWER MODULES
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Mitsubishi Electric Sem...
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com