Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3632IMS8E-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3632IMS8E-PBF
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632IMS8E-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3632IMS8E-PBF Datasheet HTML 5Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 6Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 7Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 8Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 9Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 10Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 11Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 12Page - Linear Technology LTC3632IMS8E-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC3632
9
3632fb
OPERATION (Refer to Block Diagram)
on the SS pin instead. The internal and external soft-start
functions are reset on start-up and after an undervoltage
or overvoltage event on the input supply.
In order to ensure a smooth start-up transition in any
application, the internal soft-start also ramps the peak
inductor current from 10mA during its 0.75ms ramp time
to the set peak current threshold. The external ramp on
the SS pin does not limit the peak inductor current during
start-up; however, placing a capacitor from the ISET pin to
ground does provide this capability.
Peak Inductor Current Programming
The offset of the peak current comparator nominally pro-
vides a peak inductor current of 50mA. This peak inductor
current can be adjusted by placing a resistor from the ISET
pin to ground. The 1μA current sourced out of this pin
through the resistor generates a voltage that is translated
into an offset in the peak current comparator, which limits
the peak inductor current.
Input Undervoltage and Overvoltage Lockout
The LTC3632 implements a protection feature which dis-
ables switching when the input voltage is not within the
4.5V to 50V operating range. If VIN falls below 4V typical
(4.35V maximum), an undervoltage detector disables
switching. Similarly, if VIN rises above 55V typical (53V
minimum), an overvoltage detector disables switching.
When switching is disabled, the LTC3632 can safely sustain
input voltages up to the absolute maximum rating of 60V.
Switching is enabled when the input voltage returns to the
4.5V to 50V operating range.


Similar Part No. - LTC3632IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3632 LINER-LTC3632 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3632 LINER-LTC3632 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3632 LINER-LTC3632 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3632 LINER-LTC3632 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 20mA Synchronous Step-Down Converter
LTC3632 LINER-LTC3632 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
More results

Similar Description - LTC3632IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3632 LINER-LTC3632_15 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 20mA Synchronous Step-Down Converter
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com