Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3615 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3615
Description  Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3615 Datasheet(HTML) 2 Page - Linear Technology

  LTC3615 Datasheet HTML 1Page - Linear Technology LTC3615 Datasheet HTML 2Page - Linear Technology LTC3615 Datasheet HTML 3Page - Linear Technology LTC3615 Datasheet HTML 4Page - Linear Technology LTC3615 Datasheet HTML 5Page - Linear Technology LTC3615 Datasheet HTML 6Page - Linear Technology LTC3615 Datasheet HTML 7Page - Linear Technology LTC3615 Datasheet HTML 8Page - Linear Technology LTC3615 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3615

3615f
absoluTe MaxiMuM raTings
PVIN1, PVIN2 Voltages.....................–0.3V to SVIN + 0.3V
SVIN Voltage................................................. –0.3V to 6V
SW1 Voltage .............................–0.3V to (PVIN1 + 0.3V)
SW2 Voltage ..............................–0.3V to (PVIN2 + 0.3V)
PGOOD1, PGOOD2 Voltages........................ –0.3V to 6V
All Other Pins.............................. –0.3V to (SVIN + 0.3V)
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
FE PACKAGE
24-LEAD PLASTIC TSSOP
24
23
22
21
20
19
18
17
16
15
14
13
PHASE
FB2
ITH2
TRACK/SS2
SGND
PVIN2
PVIN2
SW2
SW2
RUN2
RUN1
RT/SYNC
MODE
FB1
ITH1
TRACK/SS1
SVIN
PVIN1
PVIN1
SW1
SW1
PGOOD1
SRLIM
PGOOD2
25
PGND
TJMAX = 125°C, θJA = 33°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
ITH1
FB1
MODE
PHASE
FB2
ITH2
PGOOD1
SRLIM
PGOOD2
RT/SYNC
RUN1
RUN2
25
PGND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3615EFE#PBF
LTC3615EFE#TRPBF
LTC3615FE
24-Lead Plastic TSSOP
–40°C to 125°C
LTC3615IFE#PBF
LTC3615IFE#TRPBF
LTC3615FE
24-Lead Plastic TSSOP
–40°C to 125°C
LTC3615EUF#PBF
LTC3615EUF#TRPBF
3615
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LTC3615IUF#PBF
LTC3615IUF#TRPBF
3615
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature
Range (Note 2).......................................–40°C to 125°C
Storage Temperature..............................–65°C to 150°C
Lead Soldering Temperature (TSSOP) .................. 300°C
Reflow Peak Body Temperature (QFN) .................. 260°C


Similar Part No. - LTC3615

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3615 LINER-LTC3615 Datasheet
527Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
logo
Analog Devices
LTC3615 AD-LTC3615 Datasheet
2Mb / 26P
   5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3615 AD-LTC3615 Datasheet
2Mb / 28P
   5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
LTC3615 AD-LTC3615 Datasheet
1Mb / 28P
   5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
logo
Linear Technology
LTC3615-1 LINER-LTC3615-1 Datasheet
527Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3615

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3615IUF LINER-LTC3615IUF Datasheet
527Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615-1 LINER-LTC3615-1_15 Datasheet
590Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3615 LINER-LTC3615_15 Datasheet
590Kb / 32P
   Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com