Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3970IDDB-5-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3970IDDB-5-TRPBF
Description  40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3970IDDB-5-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3970IDDB-5-TRPBF Datasheet HTML 1Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 2Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 3Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 4Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 5Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 6Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 7Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 8Page - Linear Technology LT3970IDDB-5-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LT3970/LT3970-3.3/LT3970-5
3
3970fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBD = 3.3V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
4
4.2
V
Quiescent Current from VIN
VEN Low
VEN High
VEN High, –40°C to 125°C
VEN High, –40°C to 150°C
l
l
0.7
1.7
1.2
2.7
3.5
4
μA
μA
μA
μA
LT3970 Feedback Voltage
l
1.195
1.185
1.21
1.21
1.225
1.235
V
V
LT3970-3.3 Output Voltage
–40°C to 125°C
–40°C to 150°C
l
l
3.26
3.234
3.217
3.3
3.3
3.3
3.34
3.366
3.366
V
V
V
LT3970-5 Output Voltage
–40°C to 125°C
–40°C to 150°C
l
l
4.94
4.9
4.875
5
5
5
5.06
5.1
5.1
V
V
V
LT3970 FB Pin Bias Current (Note 3)
VFB = 1.21V
l
0.1
20
nA
FB/Output Voltage Line Regulation
4.2V < VIN < 40V
0.0002
0.01
%/V
Switching Frequency
RT = 41.2k, VIN = 6V
RT = 158k, VIN = 6V
RT = 768k, VIN = 6V
1.76
640
160
2.25
800
200
2.64
960
240
MHz
kHz
kHz
Switch Current Limit
VIN = 5V, VFB = 0V
535
700
865
mA
Catch Schottky Current Limit
VIN = 5V
350
400
500
mA
Switch VCESAT
ISW = 200mA
175
mV
Switch Leakage Current
0.05
2
μA
Catch Schottky Forward Voltage
ISCH = 100mA, VIN = VBD = NC
650
mV
Catch Schottky Reverse Leakage
VSW = 12V
0.05
2
μA
Boost Schottky Forward Voltage
ISCH = 50mA, VIN = NC, VBOOST = 0V
875
mV
Boost Schottky Reverse Leakage
VREVERSE = 12V
0.02
2
μA
Minimum Boost Voltage (Note 4)
VIN = 5V
l
1.4
1.8
V
BOOST Pin Current
ISW = 200mA, VBOOST = 15V
7
10
mA
EN Pin Current
VEN = 12V
1
30
nA
LT3970 EN Voltage Threshold
EN Rising, VIN ≥ 4.2V
l
0.94
1
1.06
V
LT3970-X EN Voltage Threshold
EN Rising, VIN ≥ 4.2V
l
0.93
1
1.07
V
EN Voltage Hysteresis
30
mV
LT3970 PG Threshold Offset from Feedback Voltage
VFB Rising
80
120
160
mV
LT3970 PG Hysteresis
12
mV
LT3970-X PG Threshold Offset from Output Voltage
VFB Rising
6.5
10
13.5
%
LT3970-X PG Hysteresis as % of Output Voltage
1.0
%
PG Leakage
VPG = 3V
0.01
1
μA
PG Sink Current
VPG = 0.4V
l
30
80
μA
Minimum Switch On-Time
90
ns
Minimum Switch Off-Time
VIN = 10V
l
100
160
ns


Similar Part No. - LT3970IDDB-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3970 LINER-LT3970 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3970 LINER-LT3970 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3970 LINER-LT3970 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3970 LINER-LT3970 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
More results

Similar Description - LT3970IDDB-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
235Kb / 20P
   60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com