Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAS030ZJ-A Datasheet(PDF) 3 Page - Power-One

Part # HAS030ZJ-A
Description  HAS SERIES - 30 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HAS030ZJ-A Datasheet(HTML) 3 Page - Power-One

  HAS030ZJ-A Datasheet HTML 1Page - Power-One HAS030ZJ-A Datasheet HTML 2Page - Power-One HAS030ZJ-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add
them to the model number. Example ordering options are located below the options table.
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, HLS, LES,
QBS, QES, QLS, TES, TQD
TTL “Low” Turns Module ON
TTL “High” Turns Module OFF
Lucent-Compatible Trim
T
HAS, HBD, HBS, HES, HLS, QBS,
QES, QLS
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180”
(4.6mm)
0.110” (2.8mm) Pin Length
8
All Units (Except SMS)
0.150” (3.8mm) Pin Length
9
All Units (Except SMS)
0.24” (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM, TLD, and TKD Packages)
Includes Thermal Pad
0.24” (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM, TLD, and TKD Packages)
Includes Thermal Pad
0.45” (11.4mm) Horizontal
Heatsink
2H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM, TLD, and TKD Packages)
Includes Thermal Pad
0.45” (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM, TLD, and TKD Packages)
Includes Thermal Pad
0.95” (24.1mm) Horizontal
Heatsink
3H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM, TLD, and TKD Packages)
Includes Thermal Pad
0.95” (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM, TLD, and TKD Packages)
Includes Thermal Pad
Example Options:
HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
OPTIONS


Similar Part No. - HAS030ZJ-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
More results

Similar Description - HAS030ZJ-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HAS040YE POWER-ONE-HAS040YE Datasheet
177Kb / 3P
   HAS SERIES - 60 WATT
logo
TRACO Electronic AG
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
   TEN 30 Series, 30 Watt
Rev. November 30, 2022
logo
Phihong USA Inc.
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
   30 Watt Interchangeable Plug Series
logo
TRACO Electronic AG
TEN30WIN TRACOPOWER-TEN30WIN Datasheet
965Kb / 6P
   TEN 30WIN Series, 30 Watt
Rev. November 30, 2022
logo
Phihong USA Inc.
PSC30R-120 PHIHONG-PSC30R-120 Datasheet
142Kb / 2P
   30-WATT INTERCHANGEABLE PLUG SERIES
logo
TRACO Electronic AG
THN30 TRACOPOWER-THN30 Datasheet
918Kb / 4P
   DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
   DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TPC TRACOPOWER-TPC Datasheet
432Kb / 4P
   TPC Series, 30 to 120 Watt
Rev. February 1, 2021
TMG30 TRACOPOWER-TMG30 Datasheet
1Mb / 4P
   AC/DC Power Supply TMG 30 Series, 30 Watt
Rev. March 16, 2023
THM30 TRACOPOWER-THM30 Datasheet
978Kb / 5P
   DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com