Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3970IMS-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3970IMS-TRPBF
Description  40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3970IMS-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3970IMS-TRPBF Datasheet HTML 1Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 2Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 3Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 4Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 5Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 6Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 7Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 8Page - Linear Technology LT3970IMS-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT3970/LT3970-3.3/LT3970-5
1
3970fa
TYPICAL APPLICATION
DESCRIPTION
40V, 350mA Step-Down
Regulator with 2.5µA
Quiescent Current and
Integrated Diodes
The LT
®3970 is an adjustable frequency monolithic buck
switching regulator that accepts a wide input voltage
range up to 40V, and consumes only 2.5μA of quiescent
current. A high efficiency switch is included on the die
along with the catch diode, boost diode, and the neces-
sary oscillator, control and logic circuitry. Low ripple Burst
Mode operation maintains high efficiency at low output
currents while keeping the output ripple below 5mV in a
typical application. Current mode topology is used for fast
transient response and good loop stability. A catch diode
current limit provides protection against shorted outputs
and overvoltage conditions. An enable pin with accurate
threshold is available, producing a low shutdown current
of 0.7μA. A power good flag signals when VOUT reaches
90% of the programmed output voltage. The LT3970 is
available in small 10-pin MSOP and 3mm × 2mm DFN
packages.
5V Step-Down Converter
FEATURES
APPLICATIONS
n Low Ripple Burst Mode® Operation
2.5μA IQ at 12VIN to 3.3VOUT
Output Ripple < 5mVP-P
n Wide Input Voltage Range: 4.2V to 40V Operating
n Adjustable Switching Frequency: 200kHz to 2.2MHz
n Integrated Boost and Catch Diodes
n 350mA Output Current
n Fixed Output Voltages: 3.3V, 5V
1.8μA IQ at 12VIN
n Accurate 1V Enable Pin Threshold
n Low Shutdown Current: IQ = 0.7μA
n Internal Sense Limits Catch Diode Current
n Power Good Flag
n Output Voltage: 1.21V to 25V
n Internal Compensation
n Small 10-Pin MSOP and (3mm × 2mm) DFN Packages
n Automotive Battery Regulation
n Power for Portable Products
n Industrial Supplies
VIN
BOOST
LT3970
SW
EN
PG
RT
0.22μF
22pF
22μF
2.2μF
VIN
6V TO 40V
VOUT
5V
350mA
1M
316k
226k
f = 600kHz
22μH
BD
FB
GND
OFF ON
3490 TA01a
Efficiency
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
LOAD CURRENT (mA)
50
70
90
40
60
80
0.01
1
10
100
3970 TA01b
1
10
100
1000
0.01
0.1
0.1
VIN = 12V


Similar Part No. - LT3970IMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3970 LINER-LT3970 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3970 LINER-LT3970 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3970 LINER-LT3970 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3970 LINER-LT3970 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
More results

Similar Description - LT3970IMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
235Kb / 20P
   60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com