Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3689EUD-5-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3689EUD-5-TRPBF
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689EUD-5-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3689EUD-5-TRPBF Datasheet HTML 1Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 2Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 3Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 4Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 5Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 6Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 7Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 8Page - Linear Technology LT3689EUD-5-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT3689/LT3689-5
5
3689fa
TYPICAL PERFORMANCE CHARACTERISTICS
No-Load Supply Current vs VIN
No-Load Supply Current
Maximum Load Current, 5VOUT
Maximum Output Current, 3.3VOUT
Switch Current Limit
vs Duty Cycle
Switch Current Limit
vs Temperature
Switch Voltage Drop
Maximum VIN for Full Frequency
Maximum VIN for Full Frequency
INPUT VOLTAGE (V)
0
80
100
120
35
60
40
10
20
5
15
25
30
40
20
0
140
3689 G04
TA = 25°C
TEMPERATURE (°C)
–50
0
200
400
600
–25
0
25
50
100
75
125
800
100
300
500
700
150
3689 G05
CATCH DIODE: DIODES INC. B140HB
VIN = 12V
VOUT = 3.3V
INCREASED SUPPLY
CURRENT DUE TO
CATCH DIODE LEAKAGE
AT HIGH TEMPERATURE
0
0.4
0.8
1.2
0.2
0.6
1.0
1.4
VIN (V)
6
12
18
30
24
36
3689 G06
MINIMUM
TYPICAL
TA = 25°C
L = 12μH
f = 1MHz
0
0.4
0.2
0.6
0.3
0.1
0.5
0.7
LOAD CURRENT (A)
0
10
20
30
40
5
15
25
35
3689 G07
VO = 5V
L = 6.8μH
f = 2MHz
SYNC = 5V
TA = 25°C
TA = 85°C
0
0.4
0.2
0.6
0.3
0.1
0.5
0.7
LOAD CURRENT (A)
0
10
20
30
5
15
25
35
3689 G08
VO = 3.3V
L = 4.7μH
f = 2MHz
SYNC = 3.3V
TA = 25°C
TA = 85°C
VIN (V)
4
0
0.4
0.8
1.2
8
12
16
20
28
24
32
0.2
0.6
1.0
36
3689 G09
TA = 25°C
L = 12μH
f = 700kHz
MINIMUM
TYPICAL
DUTY CYCLE (%)
0
0
0.4
0.8
1.2
1.6
2.0
20
40
60
80
100
3689 G10
TA = 25°C
SYNC = LOW
MINIMUM
TYPICAL
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
3689 G11
SYNC = HIGH
SYNC = LOW
–50 –25
0
25
50
100
75
125 150
SWITCH CURRENT (mA)
0
400
500
300
200
400
800
200
600
1000
100
0
600
3689 G12
TA = 125°C
TA = 25°C
TA = –50°C


Similar Part No. - LT3689EUD-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689 LINER-LT3689 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3689 LINER-LT3689 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3689EUD-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com