Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-511WW Datasheet(PDF) 2 Page - Rohm

Part # SML-511WW
Description  High Brightness Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-511WW Datasheet(HTML) 2 Page - Rohm

  SML-511WW Datasheet HTML 1Page - Rohm SML-511WW Datasheet HTML 2Page - Rohm SML-511WW Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT LED LAMPS
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
1.6
1.4
1.2
1.0
0.8
0.6
0.4
−30−20−10 0 10 20 30 40 50 60 70 80
CASE TEMPERATURE : Tc
(℃)
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
20
10
0
010 20 30 40 50
70 80
60
90 100
30
AMBIENT TEMPERATURE : Ta
(℃)
1
1
10
3.3
2.4
4
10
100
1000
10000
PULSE DURATION : Tw
(μs)
1
10
100
1000
0.1
10
100
PEAK FORWARD CURRENT :
(mA)
Ta=25℃
SML-512MW
SML-511WW
SML-512WW
SML-511DW
SML-512DW
SML-511UW
SML-512UW
SML-512MW
SML-511WW
SML-512WW
SML-511DW
SML-512DW
SML-511UW
SML-512UW
SML-512WW
SML-512DW
SML-512UW
SML-512MW
SML-511WW
SML-511DW
SML-511UW
SML-512MW
SML-512WW
SML-512DW
SML-512UW
SML-511WW
SML-511DW
SML-511UW
SML-512MW
SML-511WW
SML-512WW
SML-511DW
SML-512DW
SML-511UW
SML-512UW
100.0
10.0
1.0
1.5
2.0
2.5
3.0
0.1
1.0
FORWARD VOLTAGE : VF
(V)
Ta=25℃


Similar Part No. - SML-511WW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML-511WW ETC1-SML-511WW Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-511WW ROHM-SML-511WW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-511WW ROHM-SML-511WW Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-511WW ROHM-SML-511WW Datasheet
1Mb / 4P
   SML-51 Series
SML-511WW ROHM-SML-511WW Datasheet
1Mb / 4P
   SML-51 Series
More results

Similar Description - SML-511WW

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com