Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3521 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 5 Page - Linear Technology

  LTC3521 Datasheet HTML 1Page - Linear Technology LTC3521 Datasheet HTML 2Page - Linear Technology LTC3521 Datasheet HTML 3Page - Linear Technology LTC3521 Datasheet HTML 4Page - Linear Technology LTC3521 Datasheet HTML 5Page - Linear Technology LTC3521 Datasheet HTML 6Page - Linear Technology LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3521

3521f
Buck-Boost Feedback Voltage
vs Temperature
Typical perForMance characTerisTics
Buck Feedback Voltage
vs Temperature
Buck-Boost Maximum Load
Current, Burst Mode Operation
No Load Quiescent Current
vs VIN
Switching Frequency vs VIN
Buck-Boost Maximum Load
Current, PWM Mode
100
500
900
1300
300
700
1100
1500
VIN (V)
3521 G13
VOUT = 3.3V
L = 4.7µH
VOUT = 5V
1.8
5.3
2.8
3.8
2.3
3.3
4.3
4.8
100µs/DIV
VOUT
100mV/DIV
INDUCTOR
CURRENT
500mA/DIV
3521 G15
VIN = 3.6V, VOUT = 3.3V
L = 4.7µH
COUT = 22µF
Buck-Boost Load Step,
0mA to 750mA
TA = 25°C, unless otherwise noted.
Burst Mode Quiescent Current
vs VIN
VIN (V)
1.8
1.0
1.5
5.3
0.5
0
2.8
3.8
2.3
3.3
4.3
4.8
–1.5
–2.0
–0.5
2.0
–1.0
3521 G08
TEMPERATURE (°C)
–40
0.1
100
0
–0.1
0
40
–20
20
60
120
80
–0.4
–0.5
–0.2
0.2
–0.3
3521 G09
TEMPERATURE (°C)
–0.1
0
0.1
–0.2
–0.3
–0.4
–0.5
0.2
3521 G10
–50 –25
25
0
50
75
100 125
VIN (V)
1.8
5.3
31
2.8
3.8
2.3
3.3
4.3
4.8
25
29
33
27
3521 G11
ALL THREE CONVERTERS ENABLED
VIN (V)
1.8
60
70
80
5.3
50
40
2.8
3.8
2.3
3.3
4.3
4.8
10
0
30
90
20
3521 G12
VOUT = 3V
VOUT = 5V
VIN (V)
1.8
5.3
2.8
3.8
2.3
3.3
4.3
4.8
45
40
55
60
50
3521 G14


Similar Part No. - LTC3521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
   1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
More results

Similar Description - LTC3521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
   1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
   1A Low Noise, Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com