Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3108-1
Description  Ultralow Voltage Step-Up Converter and Power Manager
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3108-1 Datasheet HTML 6Page - Linear Technology LTC3108-1 Datasheet HTML 7Page - Linear Technology LTC3108-1 Datasheet HTML 8Page - Linear Technology LTC3108-1 Datasheet HTML 9Page - Linear Technology LTC3108-1 Datasheet HTML 10Page - Linear Technology LTC3108-1 Datasheet HTML 11Page - Linear Technology LTC3108-1 Datasheet HTML 12Page - Linear Technology LTC3108-1 Datasheet HTML 13Page - Linear Technology LTC3108-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3108-1
0
31081f
In a typical application, a storage capacitor (typically a few
hundred microfarads) is connected to VOUT. As soon as
VAUX exceeds 2.5V, the VOUT capacitor will be allowed to
charge up to its regulated voltage. The current available
to charge the capacitor will depend on the input voltage
and transformer turns ratio, but is limited to about 4.5mA
typical.
PGOOD
A power good comparator monitors the VOUT voltage.
The PGD pin is an open-drain output with a weak pull-up
(1MΩ)totheLDOvoltage.OnceVOUThaschargedtowithin
7.5% of its regulated voltage, the PGD output will go high.
If VOUT drops more than 9% from its regulated voltage,
PGD will go low. The PGD output is designed to drive a
microprocessor or other chip I/O and is not intended to
drive a higher current load such as an LED. Pulling PGD
up externally to a voltage greater than VLDO will cause a
small current to be sourced into VLDO. PGD can be pulled
low in a wire-OR configuration with other circuitry.
VOUT2
VOUT2 is an output that can be turned on and off by the
host, using the VOUT2_EN pin. When enabled, VOUT2 is
connected to VOUT through a 1.3Ω P-channel MOSFET
switch. This output, controlled by a host processor, can
be used to power external circuits such as sensors and
amplifiers,thatdo nothavea lowpower sleepor shutdown
capability. VOUT2 can be used to power these circuits only
when they are needed.
Minimizing the amount of decoupling capacitance on
VOUT2willallowittobeswitchedonandofffaster,allowing
shorter burst times and, therefore, smaller duty cycles in
pulsed applications such as a wireless sensor/transmit-
ter. A small VOUT2 capacitor will also minimize the energy
that will be wasted in charging the capacitor every time
VOUT2 is enabled.
VOUT2 has a soft-start time of about 5µs to limit capacitor
chargingcurrentandminimizeglitchingofthemainoutput
when VOUT2 is enabled. It also has a current limiting circuit
that limits the peak current to 0.3A typical.
The VOUT2 enable input has a typical threshold of 1V
with 100mV of hysteresis, making it logic-compatible. If
VOUT2_EN (which has an internal pull-down resistor) is
low, VOUT2 will be off. Driving VOUT2_EN high will turn on
the VOUT2 output.
Note that while VOUT2_EN is high, the current limiting cir-
cuitry for VOUT2 draws an extra 8µA of quiescent current
from VOUT. This added current draw has a negligible effect
on the application and capacitor sizing, since the load on
the VOUT2 output, when enabled, is likely to be orders of
magnitude higher than 8µA.
VSTORE
The VSTORE output can be used to charge a large storage
capacitor or rechargeable battery after VOUT has reached
regulation.OnceVOUThasreachedregulation,theVSTORE
output will be allowed to charge up to the VAUX voltage.
The storage element on VSTORE can be used to power
the system in the event that the input source is lost, or
is unable to provide the current demanded by the VOUT,
VOUT2 and LDO outputs. If VAUX drops below VSTORE,
the LTC3108-1 will automatically draw current from the
storageelement.Notethatitmaytakealongtimetocharge
a large capacitor, depending on the input energy available
and the loading on VOUT and VLDO.
Since the maximum current from VSTORE is limited to a
few milliamps, it can safely be used to trickle-charge NiCd
or NiMH rechargeable batteries for energy storage when
the input voltage is lost. Note that the VSTORE capacitor
cannot supply large pulse currents to VOUT. Any pulse load
on VOUT must be handled by the VOUT capacitor.
Short-Circuit Protection
All outputs of the LTC3108-1 are current limited to protect
against short-circuits to ground.
Output Voltage Sequencing
A timing diagram showing the typical charging and
voltage sequencing of the outputs is shown in Figure 1.
Note: time not to scale.
operaTion


Similar Part No. - LTC3108-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3108-1 LINER-LTC3108-1 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3108-1 LINER-LTC3108-1 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
More results

Similar Description - LTC3108-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_10 Datasheet
1Mb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com