Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3689HMSE-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3689HMSE-TRPBF
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689HMSE-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3689HMSE-TRPBF Datasheet HTML 5Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 6Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 7Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 8Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 9Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 10Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 11Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 12Page - Linear Technology LT3689HMSE-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT3689/LT3689-5
9
3689fa
PIN FUNCTIONS
BST: The BST pin is used to provide drive voltage higher
than the input voltage to the internal NPN power switch.
VIN: The VIN pin supplies current to the LT3689’s internal
circuitry and to the internal power switch and must be
locally bypassed.
SW: The SW pin is the output of the internal power switch.
Connect this pin to the inductor, catch diode and boost
capacitor.
DA: Tie the DA pin to the anode of the external catch
Schottky diode. If the DA pin current exceeds 1.2A,
which could occur in an overload or short-circuit condi-
tion, switching is disabled until the DA pin current falls
below 1.2A.
EN/UVLO: The EN/UVLO pin is used to put the LT3689 in
shutdown mode. Pull the pin below 0.3V to shut down the
LT3689. The 1.26V threshold can function as an accurate
undervoltage lockout (UVLO), preventing the regulator
from operating until the input voltage has reached the
programmed level.
FB: The LT3689 regulates the feedback pin to 0.800V. Con-
nect the feedback resistor divider tap to this pin. For the
fixed LT3689-5 output, this pin can be used to connect a
phase lead capacitor between the OUT pin and FB pin to
optimize transient response.
WDE: Watchdog Timer Enable Pin. This pin disables the
watchdog timer if the WDE voltage exceeds 1V. WDO is
high in this condition.
W/T: Setting W/T low puts the LT3689 watchdog timer into
window mode. If two or more negative edges occur on
WDI before the watchdog lower boundary (tWDL) period
expires, or no negative edge occurs within the watchdog
upper boundary (tWDU) period, the part will set WDO low.
If W/T is set high, the part will only set WDO low if no
transition occurs within the watchdog upper boundary
period.
WDI: Watchdog Timer Input Pin. This pin receives the
watchdog signal from a microprocessor. If the appropriate
signal is not received, the part will pulse WDO low for a
period equal to the reset timeout period. The watchdog
timer is disabled until the WDO pin goes high again.
RST: Active low, open collector logic output with a weak
pull-up to VOUT. After VOUT rises above 90% of its pro-
grammed value, the reset remains asserted for the period
set by the capacitor on the CPOR pin.
WDO: Active low, open collector logic output with weak
pull-up to VOUT. WDO pulls low if the WDE is enabled
and the microprocessor fails to drive the WDI pin of the
LT3689 with an appropriate signal.
CWDT: Watchdog Timer Programming Pin. Place a capa-
citor (CWDT) between this pin and ground to adjust the
watchdog upper and lower boundary period. To determine
the watchdog upper boundary period, and the lower bound-
ary period, use the following equations:
tWDU = 18.2 • CWDT (watchdog upper boundary period)
tWDL = 0.588 • CWDT (watchdog lower boundary period)
tWDU and tWDL are in ms and CWDT is in nF. As an example,
a 47nF capacitor will generate an 855ms watchdog upper
boundary period and a 27.6ms watchdog lower boundary
period.
CPOR: Reset Delay Timer Programming Pin. Attach an
external capacitor (CPOR) to GND to set a reset delay time
of 2.3ms/nF.
RT: Sets the Internal Oscillator Frequency. Tie a 31.6k resis-
tor from RT to GND for a 500kHz switching frequency.
SYNC: Drive the SYNC pin with a logic level signal with
positive and negative pulse widths of at least 80ns. The
RT resistor should be chosen to set the LT3689 switching
frequency at least 20% below the lowest synchronization
input frequency.
OUT: The OUT pin supplies current to the internal circuitry
when OUT is above 3V, reducing input quiescent current.
The internal Schottky diode is connected from OUT to BST,
providing the charging path for the boost capacitor. For
the LT3689-5, this pin connects to the internal feedback
divider that programs the fixed 5V output.
GND: Ground. Tie the exposed pad directly to the ground
plane. The exposed pad metal of the package provides both
electrical contact to ground and good thermal contact to
the printed circuit board. The device must be soldered to
the circuit board for proper operation.


Similar Part No. - LT3689HMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689 LINER-LT3689 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3689 LINER-LT3689 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3689HMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com