Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3970-3.3 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3970-3.3
Description  40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3970-3.3 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3970-3.3 Datasheet HTML 3Page - Linear Technology LT3970-3.3 Datasheet HTML 4Page - Linear Technology LT3970-3.3 Datasheet HTML 5Page - Linear Technology LT3970-3.3 Datasheet HTML 6Page - Linear Technology LT3970-3.3 Datasheet HTML 7Page - Linear Technology LT3970-3.3 Datasheet HTML 8Page - Linear Technology LT3970-3.3 Datasheet HTML 9Page - Linear Technology LT3970-3.3 Datasheet HTML 10Page - Linear Technology LT3970-3.3 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT3970/LT3970-3.3/LT3970-5
7
3970fa
EN Threshold
Transient Load Response; Load
Current is Stepped from 100mA
to 200mA
Switching Waveforms,
Burst Mode Operation
TEMPERATURE (°C)
–50
0.950
0.975
1.000
1.025
1.050
–25
0
25
50
3970 G23
75
100 125 150
Transient Load Response; Load
Current is Stepped from 10mA
(Burst Mode Operation) to 110mA
VOUT
100mV/DIV
IL
100mA/DIV
100μs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
3970 G24
VOUT
100mV/DIV
IL
100mA/DIV
100μs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
3970 G25
Switching Waveforms, Full
Frequency Continuous Operation
VOUT
5mV/DIV
VSW
5V/DIV
IL
100mA/DIV
2μs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
ILOAD = 10mA
3970 G26
VOUT
5mV/DIV
VSW
5V/DIV
IL
200mA/DIV
1μs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
ILOAD = 350mA
3970 G27
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.


Similar Part No. - LT3970-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3970 LINER-LT3970 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3970 LINER-LT3970 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3970 LINER-LT3970 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3970 LINER-LT3970 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
More results

Similar Description - LT3970-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
235Kb / 20P
   60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com