Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3579IFE-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3579IFE-TRPBF
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579IFE-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3579IFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 9Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 10Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 11Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 12Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 13Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 14Page - Linear Technology LT3579IFE-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LT3579/LT3579-1
11
35791f
Sample Mode
Sample Mode is the mechanism used by the LT3579 to
aid in the detection of output shorts. It refers to a state of
the LT3579 where the master and slave power switches
(Q1 and Q2) are turned on for a minimum period of time
every clock cycle (or every few clock cycles in frequency
foldback) in order to “sample” the inductor current. If the
sampled current through Q1 exceeds the master switch
current limit of 3.4A (minimum), the LT3579 triggers an
overcurrent fault internally (see Operation-Fault section for
details). Sample Mode exists when FB is out of regulation
by more than 3.7% or 45mV < FB < 1.17V (typical). The
LT3579’s power switches are designed to handle a total
peak current of 6A (minimum).
Frequency Foldback
The frequency foldback circuit reduces the switching
frequency when 350mV < FB < 900mV (typical). This
feature lowers the minimum duty cycle that the part can
achieve, thus allowing better control of the inductor current
during start-up. When the FB voltage is pulled outside of
this range, the switching frequency returns to normal.
Note that the peak inductor current at start-up is a
function of many variables including load profile, output
capacitance, target VOUT,VIN,switchingfrequency,etc.Test
the application’s performance at start-up to ensure that
the peak inductor current does not exceed the minimum
current limit.
OPERATION – REGULATION
The following description of the LT3579’s operation
assumes the FB voltage is close enough to its regulation
target so that the part is not in Sample Mode. Use the
Block Diagram as a reference when stepping through
the following description of the LT3579 operating in
regulation. At the start of each oscillator cycle, the SR
latch (SR1) is set, which turns on the power switches Q1
and Q2. The collector current through the master switch,
Q1, is ~1.3 times the collector current through the slave
switch, Q2, when the collectors of the two switches are
tied together. Q1’s emitter current flows through a current
OPERATION
sense resistor (RS) generating a voltage proportional to
the total switch current. This voltage (amplified by A4) is
added to a stabilizing ramp and the resulting sum is fed
into the positive terminal of the PWM comparator A3.
When the voltage on the positive input of A3 exceeds
the voltage on the negative input, the SR latch is reset,
turning off the master and slave power switches. The
voltage on the negative input of A3 (VC pin) is set by A1
(or A2), which is simply an amplified difference between
the FB pin voltage and the reference voltage (1.215V if
the LT3579 is configured as a boost converter, or 9mV
if configured as an inverting converter). In this manner,
the error amplifer sets the correct peak current level to
maintain output regulation.
As long as the part is not in fault (see Operation – FAULT
section) and the SS pin exceeds 1.8V, the LT3579 drives its
CLKOUT pin at the frequency set by the RT pin or the SYNC
pin. The CLKOUT pin can synchronize other compatible
switching regulator ICs (including additional LT3579s) with
the LT3579. Additionally, the duty cycle of CLKOUT varies
linearly with the part’s junction temperature and may be
used as a temperature monitor. The CLKOUT signal on the
LT3579-1 is ~180° out of phase with the internal oscillator
and has a fixed duty cycle of ~50%.
OPERATION – FAULT
The LT3579’s FAULT pin is an active low, bidirectional
pin (refer to Block Diagram) that pulls low to indicate a
fault. Each of the following events can trigger a fault in
the LT3579:
A. FAULT1 Events:
1. SW Overcurrent
a. ISW1 > 3.4A (minimum)
b. (ISW1 + ISW2) > 6A (minimum)
2. VIN Voltage > 16.2V (minimum)
3. SW1 Voltage and/or SW2 Voltage > 42V
(minimum)
4. Die Temperature > 165°C
B. FAULT2 Events:
1. Pulling the FAULT pin low externally


Similar Part No. - LT3579IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
More results

Similar Description - LT3579IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581 Datasheet
504Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com