Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3596EUHG-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3596EUHG-TRPBF
Description  60V Step-Down LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596EUHG-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3596EUHG-TRPBF Datasheet HTML 1Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 2Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 3Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 4Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 5Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 6Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 7Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 8Page - Linear Technology LT3596EUHG-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3596

3596f
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, BOOST = 30V, BIAS = 5V, EN/UVLO = 5V, PWM1-3 = 3.3V,
CTRL1-3 = CTRLM = TSET = 2V, VOUT = 24V, SYNC = 0V unless otherwise specified. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
l
6
55
V
Quiescent Current from VIN
EN/UVLO = 0.4V
BIAS = 5V, Not Switching
BIAS = 0V, Not Switching
1.3
3
2
4
5
µA
mA
mA
Minimum BIAS Voltage
3
3.1
V
Quiescent Current from BIAS
EN/UVLO = 0.4V
BIAS = 5V, Not Switching
BIAS = 0V, Not Switching, Current Out of Pin
1.4
70
2
3
150
µA
mA
µA
EN Threshold
0.4
0.7
V
UVLO Threshold (Falling)
1.47
1.51
1.53
V
EN/UVLO Pin Current (Hysteresis)
EN/UVLO = 1.6V
EN/UVLO = 1.4V
4.25
10
5.1
5.75
nA
µA
FB Regulation Voltage
1.15
1.21
1.25
V
FB Pin Bias Current
FB = 6V
200
nA
Maximum Duty Cycle
RT = 220k (200kHz)
RT = 33.2k (1MHz)
90
80
99
90
%
%
Switch Saturation Voltage
ISW = 300mA
330
mV
Switch Current Limit
0.8
1.0
1.25
A
DA Pin Current to Stop OSC
500
650
750
mA
Switch Leakage
VSW = 0V
700
nA
BOOST Pin Current
ISW = 100mA
3
mA
Switching Frequency
RT = 220k
RT = 33.2k
170
900
200
1000
230
1100
kHz
kHz
SYNC Input Low
0.4
V
SYNC Input High
1.6
V
SYNC Frequency Range
RT = 220k
RT = 47k
240
1000
kHz
kHz
SYNC Pin Bias Current
VSYNC = 3.3V
200
nA
Soft-Start Time
(Note 4)
2.2
ms
VREF Voltage
IVREF = 0µA
l
1.96
2.0
2.04
V
Maximum VREF Current
200
µA
ISET1-3 Pin Voltage
RISET1-3 = 20k
1.0
V
TSET Voltage for LED Current Derating
540
mV
TSET Pin Leakage Current
VTSET = 1V
200
nA
ILED1-3 LED Current
RISET1-3 = 20k
l
98
97
100
100
102
103
mA
mA
LED String Current Matching
RISET1-3 = 20k
l
±0.35
±0.35
±1.5
±2
%
%
LED Pin Voltage
Adaptive VOUT Loop Enabled
1.07
V
LED1-3 Open Detection Threshold
0.29
V
LED1-3 Short Protection Threshold (from GND)
10
15
V
LED1-3 Short Protection Threshold (from VOUT)
VOUT = 6V, VOUT > VLED1-3
1
1.2
1.6
V
LED1-3 Pin Leakage Current
VLED1-3 = 42V, PWM1-3 = 0V
200
nA


Similar Part No. - LT3596EUHG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3596 LINER-LT3596 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
More results

Similar Description - LT3596EUHG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3597 LINER-LT3597_15 Datasheet
400Kb / 24P
   60V Triple Step-Down LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
   60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
   3A-60V LED Step-Down Converter
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
   Step Down White LED Driver with Wide 6V.60V Input Voltage
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com