Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3596 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3596
Description  60V Step-Down LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3596 Datasheet HTML 2Page - Linear Technology LT3596 Datasheet HTML 3Page - Linear Technology LT3596 Datasheet HTML 4Page - Linear Technology LT3596 Datasheet HTML 5Page - Linear Technology LT3596 Datasheet HTML 6Page - Linear Technology LT3596 Datasheet HTML 7Page - Linear Technology LT3596 Datasheet HTML 8Page - Linear Technology LT3596 Datasheet HTML 9Page - Linear Technology LT3596 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3596

3596f
FB and LED Loop Regulation
Voltage
LED Current
LED Current Matching
LED Current vs PWM Duty Cycle
LED Current vs CTRLn Voltage
Adaptive Loop Switching
Waveforms (with PWM Dimming)
Boost Diode Voltage
Soft-Start
60V Buck Switching Waveforms
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted
CURRENT (mA)
0
25
0
0.4
1.0
50
100
125
3596 G10
0.2
0.8
0.6
75
150 175
EN/UVLO
5V/DIV
SW
50V/DIV
VOUT
20V/DIV
400µs/DIV
3596 G11
IL
500mA/DIV
SW
20V/DIV
VOUT
20V/DIV
400ns/DIV
3596 G12
IL
500mA/DIV
TEMPERATURE (°C)
–50 –25
0.9
1.1
1.4
VFB
0
50
75
3596 G13
1.0
1.3
1.2
25
100 125
VLED
TEMPERATURE (°C)
–50
101
102
103
25
75
3596 G14
100
99
–25
0
50
100
125
98
97
LED1
LED2
LED3
RISETn = 20k
TEMPERATURE (°C)
–50
0.75
25
3596 G15
0
–0.50
–25
0
50
–0.75
–1.00
1.00
0.50
0.25
–0.25
75
100 125
CH1
CH2
CH3
RISETn = 20k
PWM DUTY CYCLE (%)
0.001
0.0001
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
3596 G16
100
RISETn = 20k
CTRLn VOLTAGE (V)
0
0
25
50
75
100
0.25
0.5
0.75
1
3596 G17
1.25
1.5
RISETn = 20k
ILED
100mA/DIV
VOUT
10V/DIV
VLED
10V/DIV
VSW
100V/DIV
200µs/DIV
3596 G18


Similar Part No. - LT3596

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3596 LINER-LT3596 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
More results

Similar Description - LT3596

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3597 LINER-LT3597_15 Datasheet
400Kb / 24P
   60V Triple Step-Down LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
   60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
   3A-60V LED Step-Down Converter
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
   Step Down White LED Driver with Wide 6V.60V Input Voltage
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com