Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3080ET-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LT3080ET-TR
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080ET-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3080ET-TR Datasheet HTML 4Page - Linear Technology LT3080ET-TR Datasheet HTML 5Page - Linear Technology LT3080ET-TR Datasheet HTML 6Page - Linear Technology LT3080ET-TR Datasheet HTML 7Page - Linear Technology LT3080ET-TR Datasheet HTML 8Page - Linear Technology LT3080ET-TR Datasheet HTML 9Page - Linear Technology LT3080ET-TR Datasheet HTML 10Page - Linear Technology LT3080ET-TR Datasheet HTML 11Page - Linear Technology LT3080ET-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3080
8
3080fb
The LT3080 regulator is easy to use and has all the pro-
tection features expected in high performance regulators.
Included are short-circuit protection and safe operating
area protection, as well as thermal shutdown.
The LT3080 is especially well suited to applications needing
multiple rails. The new architecture adjusts down to zero
with a single resistor handling modern low voltage digital
IC’s as well as allowing easy parallel operation and thermal
management without heat sinks. Adjusting to “zero” output
allows shutting off the powered circuitry and when the
input is pre-regulated—such as a 5V or 3.3V input supply
—external resistors can help spread the heat.
A precision “0” TC 10μA internal current source is con-
nected to the noninverting input of a power operational
amplifier. The power operational amplifier provides a low
impedance buffered output to the voltage on the noninvert-
ing input. A single resistor from the noninverting input to
ground sets the output voltage and if this resistor is set
to zero, zero output results. As can be seen, any output
voltage can be obtained from zero up to the maximum
defined by the input power supply.
What is not so obvious from this architecture are the ben-
efits of using a true internal current source as the reference
as opposed to a bootstrapped reference in older regulators.
A true current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. Older adjustable regulators, such as the
LT1086 have a change in loop gain with output voltage
as well as bandwidth changes when the adjustment pin
is bypassed to ground. For the LT3080, the loop gain is
unchanged by changing the output voltage or bypassing.
Output regulation is not fixed at a percentage of the output
voltage but is a fixed fraction of millivolts. Use of a true
current source allows all the gain in the buffer amplifier
to provide regulation and none of that gain is needed to
amplify up the reference to a higher output voltage.
The LT3080 has the collector of the output transistor
connected to a separate pin from the control input. Since
the dropout on the collector (IN pin) is only 350mV, two
supplies can be used to power the LT3080 to reduce dis-
sipation: a higher voltage supply for the control circuitry
and a lower voltage supply for the collector. This increases
efficiency and reduces dissipation. To further spread the
heat, a resistor can be inserted in series with the collector
to move some of the heat out of the IC and spread it on
the PC board.
The LT3080 can be operated in two modes. Three-terminal
mode has the control pin connected to the power input pin
which gives a limitation of 1.35V dropout. Alternatively,
the “control” pin can be tied to a higher voltage and the
power IN pin to a lower voltage giving 350mV dropout
on the IN pin and minimizing the power dissipation. This
allows for a 1.1A supply regulating from 2.5VIN to 1.8VOUT
or 1.8VIN to 1.2VOUT with low dissipation.
+
VCONTROL
IN
10μA
3080 BD
OUT
SET
BLOCK DIAGRAM
APPLICATIONS INFORMATION


Similar Part No. - LT3080ET-TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
LT3080EDD-1 LINER-LT3080EDD-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-PBF LINER-LT3080EDD-1-PBF Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-TR LINER-LT3080EDD-1-TR Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-TRPBF LINER-LT3080EDD-1-TRPBF Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results

Similar Description - LT3080ET-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080 LINER-LT3080_15 Datasheet
381Kb / 28P
   Adjustable1.1A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
LT3082 LINER-LT3082 Datasheet
295Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com