Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3080EQ-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LT3080EQ-TR
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EQ-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3080EQ-TR Datasheet HTML 7Page - Linear Technology LT3080EQ-TR Datasheet HTML 8Page - Linear Technology LT3080EQ-TR Datasheet HTML 9Page - Linear Technology LT3080EQ-TR Datasheet HTML 10Page - Linear Technology LT3080EQ-TR Datasheet HTML 11Page - Linear Technology LT3080EQ-TR Datasheet HTML 12Page - Linear Technology LT3080EQ-TR Datasheet HTML 13Page - Linear Technology LT3080EQ-TR Datasheet HTML 14Page - Linear Technology LT3080EQ-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT3080
11
3080fb
(5 milliohms for the two devices in parallel) only adds about
10 millivolts of output regulation drop at an output of 2A.
Even with an output voltage as low as 1V, this only adds
1% to the regulation. Of course, more than two LT3080’s
can be paralleled for even higher output current. They are
spread out on the PC board, spreading the heat. Input
resistors can further spread the heat if the input-to-output
difference is high.
Thermal Performance
In this example, two LT3080 3mm × 3mm DFN devices
are mounted on a 1oz copper 4-layer PC board. They are
placed approximately 1.5 inches apart and the board is
mounted vertically for convection cooling. Two tests were
set up to measure the cooling performance and current
sharing of these devices.
The first test was done with approximately 0.7V input-
to-output and 1A per device. This gave a 700 milliwatt
dissipation in each device and a 2A output current. The
temperature rise above ambient is approximately 28°C
and both devices were within plus or minus 1°C. Both the
thermal and electrical sharing of these devices is excel-
lent. The thermograph in Figure 5 shows the temperature
distribution between these devices and the PC board
reaches ambient temperature within about a half an inch
from the devices.
The power is then increased with 1.7V across each device.
This gives 1.7 watts dissipation in each device and a device
temperature of about 90°C, about 65°C above ambient
as shown in Figure 6. Again, the temperature matching
between the devices is within 2°C, showing excellent
tracking between the devices. The board temperature has
reached approximately 40°C within about 0.75 inches of
each device.
While 90°C is an acceptable operating temperature for these
devices, this is in 25°C ambient. For higher ambients, the
temperature must be controlled to prevent device tempera-
ture from exceeding 125°C. A 3-meter-per-second airflow
across the devices will decrease the device temperature
about 20°C providing a margin for higher operating ambi-
ent temperatures.
Both at low power and relatively high power levels de-
vices can be paralleled for higher output current. Current
sharing and thermal sharing is excellent, showing that
acceptable operation can be had while keeping the peak
temperatures below excessive operating temperatures on
a board. This technique allows higher operating current
linear regulation to be used in systems where it could
never be used before.
Quieting the Noise
The LT3080 offers numerous advantages when it comes
to dealing with noise. There are several sources of noise
in a linear regulator. The most critical noise source for any
LDO is the reference; from there, the noise contribution
Figure 6. Temperature Rise at 1.7W Dissipation
Figure 5. Temperature Rise at 700mW Dissipation
APPLICATIONS INFORMATION


Similar Part No. - LT3080EQ-TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
LT3080EDD-1 LINER-LT3080EDD-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-PBF LINER-LT3080EDD-1-PBF Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-TR LINER-LT3080EDD-1-TR Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-TRPBF LINER-LT3080EDD-1-TRPBF Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results

Similar Description - LT3080EQ-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080 LINER-LT3080_15 Datasheet
381Kb / 28P
   Adjustable1.1A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
LT3082 LINER-LT3082 Datasheet
295Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com