Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3085 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 2 Page - Linear Technology

  LT3085 Datasheet HTML 1Page - Linear Technology LT3085 Datasheet HTML 2Page - Linear Technology LT3085 Datasheet HTML 3Page - Linear Technology LT3085 Datasheet HTML 4Page - Linear Technology LT3085 Datasheet HTML 5Page - Linear Technology LT3085 Datasheet HTML 6Page - Linear Technology LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3085
2
3085fb
ABSOLUTE MAXIMUM RATINGS
VCONTROL Pin Voltage..................................... 40V, –0.3V
IN Pin Voltage ................................................ 40V, –0.3V
SET Pin Current (Note 7) .................................... ±15mA
SET Pin Voltage (Relative to OUT) ..........................±10V
Output Short-Circuit Duration .......................... Indefinite
(Note 1) All Voltages Relative to VOUT
TOP VIEW
IN
IN
VCONTROL
OUT
OUT
SET
DCB PACKAGE
6-LEAD (2mm
3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 73°C/W, θJC = 10.6°C/W
EXPOSED PAD (PIN 7) IS OUT, MUST BE SOLDERED TO VOUT ON PCB
SEE THE APPLICATIONS INFORMATION SECTION
1
2
3
4
OUT
OUT
OUT
SET
8
7
6
5
IN
IN
NC
VCONTROL
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
9
TJMAX = 125°C, θJA = 60°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO VOUT ON PCB
SEE THE APPLICATIONS INFORMATION SECTION
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3085EDCB#PBF
LT3085EDCB#TRPBF
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085EMS8E#PBF
LT3085EMS8E#TRPBF
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085IDCB#PBF
LT3085IDCB#TRPBF
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085IMS8E#PBF
LT3085IMS8E#TRPBF
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085MPMS8E#PBF
LT3085MPMS8E#TRPBF
LTDWQ
8-Lead Plastic MSOP
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3085EDCB
LT3085EDCB#TR
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085EMS8E
LT3085EMS8E#TR
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085IDCB
LT3085IDCB#TR
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085IMS8E
LT3085IMS8E#TR
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085MPMS8E
LT3085MPMS8E#TR
LTDWQ
8-Lead Plastic MSOP
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Notes 2, 10)
E, I Grade........................................... –40°C to 125°C
MP Grade........................................... –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS8E Package Only.......................................... 300°C


Similar Part No. - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT3085 LINER-LT3085 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3085 LINER-LT3085 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
More results

Similar Description - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com