Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3085 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 5 Page - Linear Technology

  LT3085_10 Datasheet HTML 1Page - Linear Technology LT3085_10 Datasheet HTML 2Page - Linear Technology LT3085_10 Datasheet HTML 3Page - Linear Technology LT3085_10 Datasheet HTML 4Page - Linear Technology LT3085_10 Datasheet HTML 5Page - Linear Technology LT3085_10 Datasheet HTML 6Page - Linear Technology LT3085_10 Datasheet HTML 7Page - Linear Technology LT3085_10 Datasheet HTML 8Page - Linear Technology LT3085_10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3085
5
3085fb
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
200
300
150
3085 G10
100
0
0
50
100
–25
25
75
125
400
150
250
50
350
ILOAD = 500mA
ILOAD = 100mA
LOAD CURRENT (mA)
0
0.6
0.8
1.0
3085 G11
0.4
0.2
0
1.2
1.4
1.6
250 300
450
50 100 150 200
350 400
500
TJ = 125°C
TJ = 25°C
TJ = –50°C
TEMPERATURE (°C)
–50
0.8
1.2
150
3085 G12
0.4
0
0
50
100
–25
25
75
125
1.6
0.6
1.0
0.2
1.4
ILOAD = 500mA
ILOAD = 100mA
TEMPERATURE (°C)
–50
300
500
150
3085 G13
0
0
50
100
–25
25
75
125
700
200
400
100
600
VIN = 7V
VOUT = 0V
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
300
400
500
20
30
3085 G14
200
100
0
510
15
25
600
700
35
40
TJ = 25°C
TIME (μs)
0
–20
60
160
3085 G15
200
–40
0
40
20
100
0
40
20
80
60
120 140
180
100
200
VOUT = 1.5V
CSET = 0.1μF
VIN = VCONTROL = 3V
COUT = 10μF CERAMIC
COUT = 2.2μF CERAMIC
TIME (μs)
0
–50
50
150
80
3085 G16
–100
0
100
500
250
0
20
10
40
30
60 70
90
50
100
VIN = VCONTROL = 3V
VOUT = 1.5V
CSET = 0.1μF
COUT = 10μF CERAMIC
COUT = 2.2μF CERAMIC
TIME (μs)
0
–50
100
80
3085 G17
6
4
–100
0
50
0
2
20
10
40
30
60 70
90
50
100
VOUT = 1.5V
ILOAD = 10mA
COUT = 2.2μF
CERAMIC
CSET = 0.1μF
CERAMIC
TIME (μs)
0
0
1.5
16
3085 G18
6
4
8
0.5
1
0
2
4
2
8
6
12 14
18
10
20
COUT = 2.2μF
CERAMIC
RSET = 100k
CSET = 0
RLOAD = 2Ω
Dropout Voltage
(Minimum IN Voltage)
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Current Limit
Current Limit
Load Transient Response
Load Transient Response
Line Transient Response
Turn-On Response


Similar Part No. - LT3085_10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
More results

Similar Description - LT3085_10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com