Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050EDDB-3.3-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LT3050EDDB-3.3-TR
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050EDDB-3.3-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3050EDDB-3.3-TR Datasheet HTML 3Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 4Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 5Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 6Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 7Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 8Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 9Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 10Page - Linear Technology LT3050EDDB-3.3-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3050 Series
7
3050fa
GND Pin Current LT3050-5
GND Pin Current vs ILOAD
SHDN Pin Threshold
INPUT VOLTAGE (V)
2.50
1.50
1.75
2.00
2.25
1.25
3050 G07
0
0.25
0.50
0.75
1.00
0
1
2
3
4567
8
9 10 11 12
RL = 50Ω, IL = 100mA
RL = 100Ω, IL = 50mA
RL = 500Ω, IL = 10mA
RL = 5k, IL = 1mA
ILOAD (mA)
5.0
2.0
2.5
3.0
3.5
4.5
4.0
1.5
3050 G08
0
0.5
1.0
0 1020 3040
50 60 70 80 90 100
VIN = 5.6V
VOUT = 5V
TEMPERATURE (°C)
1.5
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1.2
1.3
1.4
0.8
0.3
3050 G09
0
0.1
0.2
–75 –50
0
–25
25 50 75 100 125 150 175
IL = 1mA
OFF TO ON
ON TO OFF
Internal Current Limit
Internal Current Limit
Internal Current Limit
vs Output Voltage
SHDN Pin Input Current
SHDN Pin Input Current
ADJ Pin Bias Current
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
TEMPERATURE (°C)
3.0
1.0
2.0
2.5
1.5
0.5
3050 G10
0
–75 –50 –25 0
25 50 75 100 125 150 175
VSHDN = 45V
SHDN PIN VOLTAGE (V)
2.0
0.6
1.2
1.4
1.6
1.8
0.8
1.0
0.2
0.4
3050 G11
0
0
1020304050
TEMPERATURE (°C)
50
15
30
35
40
45
20
25
5
10
3050 G12
0
–75 –50 –25 0
25 50 75 100 125 150 175
TEMPERATURE (°C)
350
100
200
250
300
150
50
3050 G13
0
–75 –50 –25 0
25 50 75 100 125 150 175
VIN = 12V
VOUT = 0V
INPUT/OUTPUT DIFFERENTIAL (V)
250
50
100
125
150
175
200
225
75
25
3050 G14
0
0
5
10
15
20
25
30
35
40
45
TJ = –55°C
TJ = –40°C
TJ = 25°C
TJ = 125°C
CURRENT LIMIT
AT FAULT
THRESHOLD
OUTPUT VOLTAGE (V)
225
50
100
125
150
175
200
75
25
3050 G15
0
0
5
10
15
20
25
30
35
40
45
TJ = –55°C
TJ = –40°C
TJ = 25°C
TJ = 125°C
VIN – VOUT(NOMINAL) = 1V
CURRENT LIMIT
AT FAULT
THRESHOLD


Similar Part No. - LT3050EDDB-3.3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050EDDB LINER-LT3050EDDB Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EDDBPBF LINER-LT3050EDDBPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EDDBTR LINER-LT3050EDDBTR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EDDBTRPBF LINER-LT3050EDDBTRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050EDDB-3.3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com