Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3071EUFD Datasheet(PDF) 7 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 3Page - Linear Technology LT3071EUFD Datasheet HTML 4Page - Linear Technology LT3071EUFD Datasheet HTML 5Page - Linear Technology LT3071EUFD Datasheet HTML 6Page - Linear Technology LT3071EUFD Datasheet HTML 7Page - Linear Technology LT3071EUFD Datasheet HTML 8Page - Linear Technology LT3071EUFD Datasheet HTML 9Page - Linear Technology LT3071EUFD Datasheet HTML 10Page - Linear Technology LT3071EUFD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3071

3071f
EN Pin Thresholds
typicAl perFormAnce chArActeristics
SENSE Pin Current
Logic Input Threshold Voltages
Logic Low to Hi-Z State Transitions
Logic Pin Input Current,
High State
EN Pin Logic High Current
Logic Input Threshold Voltages
Logic Hi-Z to High State Transitions
Logic Pin Input Current,
Low State
SENSE Pin Current
Current Limit vs Temperature
TEMPERATURE (°C)
–75
1.2
1.6
2.0
125
3071 G16
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
–25
–50
25
0
75 100
150
50
175
VBIAS = 2.5V
EN PIN RISING
EN PIN FALLING
TEMPERATURE (°C)
–75
0.6
0.7
0.8
125
3071 G18
0.5
0.4
0.3
–50 –25 0 25 50 75 100
150 175
INPUT RISING
LOGIC LOW TO Hi-Z
INPUT FALLING
LOGIC Hi-Z TO LOW
SEE APPLICATIONS INFORMATION
FOR MORE DETAILS
TEMPERATURE (°C)
–75
2.8
2.9
3.0
125
3071 G19
2.7
2.6
2.5
–50 –25 0 25 50 75 100
150 175
INPUT FALLING
LOGIC HIGH TO Hi-Z
INPUT RISING
LOGIC Hi-Z TO HIGH
VBIAS = 3.3V
LOGIC Hi-Z TO HIGH THRESHOLD IS
RELATIVE TO VBIAS VOLTAGE
SEE APPLICATIONS INFORMATION
FOR MORE DETAILS
TEMPERATURE (°C)
–75
4.0
5.0
6.0
125
3071 G20
3.0
2.0
3.5
4.5
5.5
2.5
1.5
1.0
–25
–50
25
0
75 100
150
50
175
VEN = VBIAS = 2.5V
TEMPERATURE (°C)
–75
40
35
30
25
20
15
10
5
0
125
3071 G21
–25
25
75
175
100
–50
0
50
150
VLOGIC = VBIAS = 2.5V
CURRENT FLOWS INTO THE PIN
TEMPERATURE (°C)
–75
40
35
30
25
20
15
10
5
0
125
3071 G22
–25
25
75
175
100
–50
0
50
150
VBIAS = 2.5V
VLOGIC = 0V
CURRENT FLOWS OUT OF THE PIN
TEMPERATURE (°C)
–75
65
60
55
50
45
40
35
30
25
125
3071 G23
–25
25
75
175
100
–50
0
50
150
VBIAS = 2.5V
VOUT = 0.8V
CURRENT FLOWS INTO SENSE
TEMPERATURE (°C)
–75
400
375
350
325
300
275
250
225
200
125
3071 G24
–25
25
75
175
100
–50
0
50
150
VBIAS = 3.3V
VOUT = 1.8V
CURRENT FLOWS INTO SENSE
TEMPERATURE (°C)
–75
7.50
7.25
7.00
6.75
6.50
6.25
6.00
5.75
5.50
5.25
5.00
125
3071 G25
–25
25
75
175
100
–50
0
50
150
VIN = VOUT(NOMINAL) + 300mV
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 1.2V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V


Similar Part No. - LT3071EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3071 LINER-LT3071 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3071 LINER-LT3071 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
logo
Linear Integrated Syste...
LT3071 LINEAR-LT3071 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3071 LINER-LT3071 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3071 LINER-LT3071 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3071EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_1 Datasheet
510Kb / 28P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com