Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2660-7R Datasheet(PDF) 5 Page - Power-One

Part # EP2660-7R
Description  120...195 Watt DC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

EP2660-7R Datasheet(HTML) 5 Page - Power-One

  EP2660-7R Datasheet HTML 1Page - Power-One EP2660-7R Datasheet HTML 2Page - Power-One EP2660-7R Datasheet HTML 3Page - Power-One EP2660-7R Datasheet HTML 4Page - Power-One EP2660-7R Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.power-one.com
Edition 6/10.2001
30
26
22
18
14
10
6
S10025
32
28
24
20
16
12
8
4
32
28
24
20
16
12
4/6
30
26
22
18
14
8/10
S10051
Pin allocation
Pin
P 1000
P 2000
P 3000
P 4000
4
Vo1+
Output 1
Vo1+
Output 1
Vo1+
Output 1
Vo1+
Output 1
6
Vo2+
Output 2
Vo2+
Output 2
Vo2+
Output 2
8Vo1–
Output 1
Vo1–
Output 1
Vo1–
Output 1
Vo1–
Output 1
10
Vo2–
Output 2
Vo2–
Output 2
Vo2–
Output 2
12
S+
Sense
S1+
Sense 1
S1+
Sense 1
Vo4+
Output 4
14
S–
Sense
S1–
Sense 1
S1–
Sense 1
Vo4–
Output 4
16
R
Control of
Uo
R1
Control of
Uo1
R1
Control of
Uo1
R1/4
Control of
Uo1/4
T1
Current sharing T1
Current sharing
18
T
Current sharing S2+
Sense 2
Vo3+
Output 3
Vo3+
Output 3
20
n.c.
Not connected S2–
Sense 2
Vo3+
Output 3
Vo3+
Output 3
22
Out OK+ Output good
Out OK+ Output good
Out OK+ Output good
Out OK+ Output good
i+
Inhibit second.
i+
Inhibit second.
i+
Inhibit second.
i+
Inhibit second.
24
Out OK– Output good
Out OK– Output good
Out OK– Output good
Out OK– Output good
i–
Inhibit second.
i–
Inhibit second.
i–
Inhibit second.
i–
Inhibit second.
26
Prot. ground
Prot. ground
Prot. ground
Prot. ground
28
i
Inhibit
i
Inhibit
i
Inhibit
i
Inhibit
W
Synchronisat.
W
Synchronisat.
W
Synchronisat.
W
Synchronisat.
30
Vi+
Input
Vi+
Input
Vi+
Input
Vi+
Input
32
Vi–
Input
Vi–
Input
Vi–
Input
Vi–
Input
P Series
120...195 Watt DC-DC Converters
Accessories
Additional external heat sinks for operation above
Po nom or TA max
Front panels for 19" rack mounting in 3U or 6U configuration (Schroff/Intermas)
Mating H15 connectors with screw, solder, fast-on or press-fit terminals
Mechanical mounting supports for chassis, DIN-rail and PCB mounting


Similar Part No. - EP2660-7R

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EP26 ECLIPTEK-EP26 Datasheet
201Kb / 3P
   OSCILLATOR
logo
B. B. Battery Co., Ltd.
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP26-12FR BB-BATTERY-EP26-12FR Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12_15 Datasheet
197Kb / 1P
   VRLA Rechargeable Battery
logo
Ecliptek Corporation
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
   Programmable Crystal Oscillators
More results

Similar Description - EP2660-7R

ManufacturerPart #DatasheetDescription
logo
Power-One
DP3020-9R POWER-ONE-DP3020-9R Datasheet
980Kb / 24P
   90 - 195 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
logo
Bel Fuse Inc.
HP1001-9RTG BEL-HP1001-9RTG Datasheet
3Mb / 28P
   120 - 192 Watt 10:1 DC-DC Converters
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com