Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1793080000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1793080000
Description  BCZ 3.81/6/180F SN GN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1793080000 Datasheet(HTML) 5 Page - Weidmuller

  1793080000 Datasheet HTML 1Page - Weidmuller 1793080000 Datasheet HTML 2Page - Weidmuller 1793080000 Datasheet HTML 3Page - Weidmuller 1793080000 Datasheet HTML 4Page - Weidmuller 1793080000 Datasheet HTML 5Page - Weidmuller 1793080000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/180 | BCZ 3.81/180F
- 5 -
1941280000
BCZ 3.81/11/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 11, 180°, Box
1941110000
BCZ 3.81/12/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 180°, Box
1793020000
BCZ 3.81/12/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 180°, Box
1793110000
BCZ 3.81/12/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 180°, Box
1941120000
BCZ 3.81/13/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 180°, Box
1899570000
BCZ 3.81/13/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 180°, Box
1941290000
BCZ 3.81/13/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 180°, Box
1941130000
BCZ 3.81/14/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 180°, Box
1899590000
BCZ 3.81/14/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 180°, Box
1941300000
BCZ 3.81/14/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 180°, Box
1941140000
BCZ 3.81/15/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 180°, Box
1899610000
BCZ 3.81/15/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 180°, Box
1941310000
BCZ 3.81/15/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 180°, Box
1941150000
BCZ 3.81/16/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 180°, Box
1793030000
BCZ 3.81/16/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 180°, Box
1793120000
BCZ 3.81/16/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 180°, Box
1941160000
BCZ 3.81/17/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 17, 180°, Box


Similar Part No. - 1793080000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793080000 WEIDMULLER-1793080000 Datasheet
86Kb / 6P
   PCB connection systems
1793080000 WEIDMULLER-1793080000 Datasheet
86Kb / 6P
   PCB connection systems
1793080000 WEIDMULLER-1793080000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
More results

Similar Description - 1793080000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793060000 WEIDMULLER-1793060000 Datasheet
86Kb / 6P
   BCZ 3.81/4/180F SN GN
1793040000 WEIDMULLER-1793040000 Datasheet
86Kb / 6P
   BCZ 3.81/2/180F SN GN
1793090000 WEIDMULLER-1793090000 Datasheet
86Kb / 6P
   BCZ 3.81/8/180F SN GN
1793070000 WEIDMULLER-1793070000 Datasheet
86Kb / 6P
   BCZ 3.81/5/180F SN GN
1793100000 WEIDMULLER-1793100000 Datasheet
86Kb / 6P
   BCZ 3.81/10/180F SN GN
1793050000 WEIDMULLER-1793050000 Datasheet
86Kb / 6P
   BCZ 3.81/3/180F SN GN
1799210000 WEIDMULLER-1799210000 Datasheet
86Kb / 5P
   BCZ 3.81/6/270F SN GN
1798730000 WEIDMULLER-1798730000 Datasheet
94Kb / 5P
   BCZ 3.81/6/90 SN GN
1798890000 WEIDMULLER-1798890000 Datasheet
86Kb / 5P
   BCZ 3.81/6/90F SN GN
1799200000 WEIDMULLER-1799200000 Datasheet
86Kb / 5P
   BCZ 3.81/5/270F SN GN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com