Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050EDDB-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3050EDDB-PBF
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050EDDB-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT3050EDDB-PBF Datasheet HTML 1Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 2Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 3Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 4Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 5Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 6Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 7Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 8Page - Linear Technology LT3050EDDB-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT3050 Series
5
3050fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Absolute maximum input-to-output differential
voltage is not achievable with all combinations of rated IN pin and OUT pin
voltages. With the IN pin at 50V, the OUT pin may not be pulled below 0V.
The total differential voltage from IN to OUT must not exceed ±50V.
Note 2: The LT3050 is tested and specified under pulse load conditions
such that TJ ~ TA. The LT3050E is 100% production tested at TA = 25°C.
Performance at –40°C and 125°C is assured by design, characterization
and correlation with statistical process controls. The LT3050I is
guaranteed over the full –40°C to 125°C operating junction temperature
range. The LT3050MP is 100% tested over the –55°C to 125°C operating
junction temperature range.
Note 3: The LT3050 adjustable version is tested and specified for these
conditions with ADJ pin connected to the OUT pin.
Note 4: Maximum junction temperature limits operating conditions.
Regulated output voltage specifications do not apply for all possible
combinations of input voltage and output current. If operating at the
maximum input voltage, limit the output current range. If operating at the
maximum output current, limit the input voltage range.
Note 5: Dropout voltage is the minimum differential IN-to-OUT voltage
needed to maintain regulation at a specified output current. In dropout,
the output voltage equals (VIN - VDROPOUT). For some output voltages,
minimum input voltage requirements limit dropout voltage.
Note 6: To satisfy minimum input voltage requirements, the LT3050
adjustable version is tested and specified for these conditions with an
external resistor divider (60k bottom, 440k top) which sets VOUT to 5V.
The external resistor divider adds 10μA of DC load on the output. This
external current is not factored into GND pin current.
Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) + 0.6V and
a current source load. GND pin current increases in dropout. For the
fixed output voltage versions, an internal resistor divider adds about
10μA to GND pin current. See the GND Pin Current curves in the Typical
Performance Characteristics section.
Note 8: Current limit varies inversely with the external resistor value tied
from the IMAX pin to GND. For detailed information on how to set the
IMAX pin resistor value, please see the Operation section. If a programmed
current limit is not needed, the IMAX pin must be tied to GND and internal
protection circuitry implements short-circuit protection as specified.
Note 9: The IMIN fault condition asserts if the output current falls below the
IMIN threshold defined by an external resistor from the IMIN pin to GND.
For detailed information on how to set the IMIN pin resistor value, please
see the Operation section. IMIN settings below the Minimum IMIN Accuracy
specification in the Electrical Characteristics section are not guaranteed
to ± 10% tolerance. If the IMIN fault condition is not needed, the IMIN pin
must be left floating (unconnected).
Note 10: The current monitor ratio varies slightly when VIMON ≠ VOUT. For
detailed information on how to calculate the output current from the IMON
pin, please see the Operation section. If the current monitor function is not
needed, the IMON pin must be tied to GND.
Note 11: To satisfy requirements for minimum input voltage, current limit
is tested at VIN = VOUT(NOMINAL) +1V or VIN = 2.2V, whichever is greater.
Note 12: ADJ pin bias current flows out of the ADJ pin:
Note 13:
SHDN pin current flows into the SHDN pin.
Note 14: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the specified voltage. This current flows into the OUT pin
and out of the GND pin.
Note 15: 100mA of output current does not apply to the full range of input
voltage due to the internal current limit foldback.
Note 16: The ADJ pin cannot be externally driven for fixed output voltage
options. LTC allows the use of a small feedforward capacitor from OUT
to ADJ to reduce noise and improve transient response. See the Bypass
Capacitance section of the Applications Information.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum IMIN Threshold Accuracy
(Notes 6, 9)
LT3050-3.3: 3.9V < VIN < 13.3V, RIMIN = 110K
LT3050, LT3050-5: 5.6V < VIN < 15V, RIMIN = 110K
l
l
0.92
0.9
1.03
1
1.13
1.1
mA
mA
IMIN Threshold Accuracy (Notes 6, 9)
LT3050-3.3: 3.9V < VIN < 13.3V, RIMIN = 11.3K
LT3050, LT3050-5: 5.6V < VIN < 15V, RIMIN = 11.3K
l
l
9.2
9
10.3
10
11.3
11
mA
mA
Current Monitor Ratio (Notes 6, 10)
Ratio = IOUT/IMON
ILOAD = 5mA, 25mA, 50mA, 75mA, 100mA
LT3050-3.3: VIMON = VOUT, 3.9V < VIN < 13.3V
LT3050, LT3050-5: VIMON = VOUT, 5.6V < VIN < 15V
l
l
95
95
100
100
105
105


Similar Part No. - LT3050EDDB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050EDDB LINER-LT3050EDDB Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EDDBPBF LINER-LT3050EDDBPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EDDBTR LINER-LT3050EDDBTR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EDDBTRPBF LINER-LT3050EDDBTRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050EDDB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com