Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3022IDHC-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3022IDHC-TRPBF
Description  1A, 0.9V to 10V, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022IDHC-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3022IDHC-TRPBF Datasheet HTML 4Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 5Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 6Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 7Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 8Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 9Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 10Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 11Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3022

3022f
pin FuncTions
NC (Pins 1, 2, 8, 15, 16): No Connect Pins. These pins
have no connection to internal circuitry. These pins may
be floated, tied to VIN or tied to GND for improved thermal
performance.
OUT (Pins 3, 4): These pins supply power to the load.
Use a minimum output capacitor of 10µF to prevent os-
cillations. Large load transient applications require larger
output capacitors to limit peak voltage transients. See the
Applications Information section for more information on
outputcapacitanceandreverse-outputcharacteristics.The
LT3022 requires a 1mA minimum load current to ensure
proper regulation and stability.
ADJ (Pin 5): This pin is the error amplifier inverting ter-
minal. Its 30nA typical input bias current flows out of the
pin (see curve of ADJ Pin Bias Current vs Temperature
in the Typical Performance Characteristics). The ADJ pin
reference voltage is 200mV (referred to AGND).
AGND (Pins 6, 7): Analog Ground. Tie these pins directly
to PGND (Pins 10, 11) and the exposed backside GND
(Pin 17). Connect the bottom of the external resistor
divider, setting output voltage, directly to AGND for op-
timum regulation.
SHDN (Pin 9): Pulling the SHDN pin low puts the LT3022
into a low power state and turns the output off. Drive the
SHDNpinwitheitherlogicoranopen-collector/draindevice
with a pull-up resistor. The resistor supplies the pull-up
current to the open collector/drain logic, normally several
microamperes, and the SHDN pin current, typically 3µA.
If unused, connect the SHDN pin to VIN. The LT3022 does
not function if the SHDN pin is not connected.
PGND (Pins 10, 11): Power Ground. The majority of
ground pin current flows out of PGND. Tie these pins
directly to AGND (Pins 6, 7) and the exposed backside
GND (Pin 17).
IN(Pins12,13,14):Thesepinssupplypowertothedevice.
The LT3022 requires a bypass capacitor at IN if located
more than six inches from the main input filter capacitor.
Include a bypass capacitor in battery-powered circuits
as a battery’s output impedance rises with frequency. A
minimum bypass capacitor of 10µF suffices. The LT3022
withstands reverse voltages on the IN pin with respect to
ground and the OUT pin. In the case of a reversed input,
which occurs if a battery is plugged in backwards, the
LT3022 behaves as if a diode is in series with its input.
No reverse current flows into the LT3022 and no reverse
voltage appears at the load. The device protects itself and
the load.
GND (Pin 17): Exposed Pad. Tie this pin directly to AGND
(Pins 6, 7), PGND (Pins 10, 11) and the PCB ground. This
pin provides enhanced thermal performance with its con-
nection to the PCB ground. See the Applications Informa-
tion section for thermal considerations and calculating
junction temperature.


Similar Part No. - LT3022IDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3022 LINER-LT3022 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT3022 LINEAR-LT3022 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3022IDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022_12 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022 LINER-LT3022_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.5 LINER-LT3022-1.5_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.2 LINER-LT3022-1.2_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.8 LINER-LT3022-1.8_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC4212L SEMTECH-SC4212L Datasheet
838Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
SC4212LM SEMTECH-SC4212LM Datasheet
844Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com