Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2881CV-5-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2881CV-5-PBF
Description  Complete Isolated RS485/RS422 關Module Transceiver Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2881CV-5-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTM2881CV-5-PBF Datasheet HTML 1Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 2Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 3Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 4Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 5Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 6Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 7Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 8Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTM2881

2881fa
Typical applicaTion
DescripTion
Complete Isolated
RS485/RS422 µModule
Transceiver + Power
The LTM®2881 is a complete galvanically isolated full-
duplex RS485/RS422 µModule® transceiver. No external
components are required. A single supply powers both
sides of the interface through an integrated, isolated, low
noise, efficient 5V output DC/DC converter.
Coupled inductors and an isolation power transformer
provide2500VRMSofisolationbetweenthelinetransceiver
and the logic interface. This device is ideal for systems
where the ground loop is broken allowing for large com-
mon mode voltage variation. Uninterrupted communica-
tion is guaranteed for common mode transients greater
than 30kV/μs.
Maximum data rates are 20Mbps or 250kbps in slew
limited mode. Transmit data, DI and receive data, RO, are
implemented with event driven low jitter processing. The
receiver has a one-eighth unit load supporting up to 256
nodes per bus. A logic supply pin allows easy interfacing
with different logic levels from 1.62V to 5.5V, independent
of the main supply.
Enhanced ESD protection allows this part to withstand up
to ±15kV (human body model) on the transceiver interface
pins to isolated supplies and ±10kV through the isolation
barrier to logic supplies without latch-up or damage.
L
, LT, LTC, LTM, Linear Technology, µModule and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
Isolated Half-Duplex RS485 μModule Transceiver
FeaTures
applicaTions
n
Isolated RS485/RS422 Transceiver: 2500VRMS
n
Isolated DC Power: 5V at Up to 200mA
n
No External Components Required
n
20Mbps or Low EMI 250kbps Data Rate
n
High ESD: ±15kV HBM on Transceiver Interface
n
High Common Mode Transient Immunity: 30kV/μs
n
Integrated Selectable 120Ω Termination
n
3.3V (LTM2881-3) or 5.0V (LTM2881-5) Operation
n
1.62V to 5.5V Logic Supply Pin for Flexible Digital Interface
n
Common Mode Working Voltage: 560VPEAK
n
High Input Impedance Failsafe RS485 Receiver
n
Current Limited Drivers and Thermal Shutdown
n
Compatible with TIA/EIA-485-A Specification
n
High Impedance Output During Internal Fault Condition
n
Low Current Shutdown Mode (< 10µA)
n
General Purpose CMOS Isolated Channel
n
Small, Low Profile (15mm
× 11.25mm × 2.8mm)
Surface Mount BGA and LGA Packages
n
Isolated RS485/RS422 Interface
n
Industrial Networks
n
Breaking RS485 Ground Loops
2881 TA01
TWISTED-PAIR
CABLE
AVAILABLE CURRENT:
150mA (LTM2881-5)
100mA (LTM2881-3)
A
VCC2
5V
RO
VL
TE
RE
DE
DI
GND
GND2
VCC
3.3V
LTM2881
B
Y
Z
PWR
LTM2881 Operating Through 35kV/μs CM Transients
2881 TA01a
500V/DIV
50ns/DIV
1V/DIV
1V/DIV
DI
RO
MULTIPLE SWEEPS
OF COMMON MODE
TRANSIENTS


Similar Part No. - LTM2881CV-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881CV-5 LINER-LTM2881CV-5 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881CV-5PBF LINER-LTM2881CV-5PBF Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
More results

Similar Description - LTM2881CV-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com