Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050IMSE-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3050IMSE-PBF
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050IMSE-PBF Datasheet(HTML) 3 Page - Linear Technology

  LT3050IMSE-PBF Datasheet HTML 1Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 2Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 3Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 4Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 5Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 6Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 7Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 8Page - Linear Technology LT3050IMSE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT3050 Series
3
3050fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 3, 11)
ILOAD = 100mA
l
1.6
2.2
V
Regulated Output Voltage
LT3050-3.3: VIN = 3.9V, ILOAD = 1mA
3.9V < VIN < 15V, 1mA < ILOAD < 100mA (Note 15)
l
3.267
3.234
3.3
3.3
3.333
3.366
V
V
LT3050-5: VIN = 5.6V, ILOAD = 1mA
5.6V < VIN 15V, 1mA < ILOAD < 100mA (Note 15)
l
4.95
4.9
5
5
5.05
5.1
V
V
ADJ Pin Voltage (Notes 3, 4)
VIN = 2.2V, ILOAD = 1mA
2.2V < VIN < 15V, 1mA < ILOAD < 100mA (Note 15)
l
594
588
600
600
606
612
mV
mV
Line Regulation (Note 3)
LT3050-3.3: ΔVIN = 3.9V to 45V, ILOAD = 1mA
LT3050-5: ΔVIN = 5.6V to 45V, ILOAD = 1mA
LT3050: ΔVIN = 2.2V to 45V, ILOAD = 1mA
l
l
l
2.2
3.3
0.4
16.5
25
3
mV
mV
mV
Load Regulation (Note 3)
LT3050-3.3: VIN = 3.9V, ILOAD = 1mA to 100mA
LT3050-5: VIN = 5.6V, ILOAD = 1mA to 100mA
LT3050: VIN = 2.2V, ILOAD = 1mA to 100mA
l
l
l
7.2
8.4
0.2
33
50
4
mV
mV
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3050EDDB-5#PBF
LT3050EDDB-5#TRPBF
LFWS
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB-5#PBF
LT3050IDDB-5#TRPBF
LFWS
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3050EMSE
LT3050EMSE#TR
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE
LT3050IMSE#TR
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE
LT3050MPMSE#TR
3050
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EMSE-3.3
LT3050EMSE-3.3#TR
305033
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE-3.3
LT3050IMSE-3.3#TR
305033
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE-3.3
LT3050MPMSE-3.3#TR
305033
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EMSE-5
LT3050EMSE-5#TR
30505
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE-5
LT3050IMSE-5#TR
30505
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE-5
LT3050MPMSE-5#TR
30505
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EDDB
LT3050EDDB#TR
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB
LT3050IDDB#TR
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050EDDB-3.3
LT3050EDDB-3.3#TR
LFWR
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB-3.3
LT3050IDDB-3.3#TR
LFWR
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050EDDB-5
LT3050EDDB-5#TR
LFWS
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB-5
LT3050IDDB-5#TR
LFWS
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LT3050IMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050IMSE LINER-LT3050IMSE Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSEPBF LINER-LT3050IMSEPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETR LINER-LT3050IMSETR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETRPBF LINER-LT3050IMSETRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050IMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com