Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2752BCLX-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2752BCLX-PBF
Description  Dual16-Bit SoftSpan IOUT DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2752BCLX-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2752BCLX-PBF Datasheet HTML 6Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 7Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 8Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 9Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 10Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 11Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 12Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 13Page - Linear Technology LTC2752BCLX-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2752
0
2752f
pin FuncTions
S2 (Pin 25): Span Bit 2 Input. In Manual Span mode (M-
SPAN tied to VDD), pins S0, S1 and S2 are pin-strapped
to select a single fixed output range for all DACs. These
pins should be tied to either GND or VDD even if they are
unused.
LDAC (Pin 26): Asynchronous DAC Load Input. When
LDAC is a logic low, all DACs are updated (CS/LD must
be high).
IOUT2BF, IOUT2BS (Pins 28, 29): DAC B Current Output
Complement Force and Sense Pins. Tie to ground via a
clean, low impedance path. These pins may be used with
a precision ground buffer amp as a Kelvin sensing pair
(see the Typical Applications section).
RINB(Pins31,32):InputResistorfortheExternalReference
Inverting Amplifier. The 20k input resistor is connected
internally from RINB to RCOMB. For normal operation tie
RINB to the external positive reference voltage (see Typical
Applications). Either or both of these precision matched
resistor sets (each set comprising RINX, RCOMX and REFX)
may be used to invert positive references to provide the
negative voltages needed by the DACs. Typically 5V; ac-
cepts up to ±15V. Pins 31 and 32 are internally shorted
together.
GEADJB (Pin 33): Gain Adjust Pin for DAC B. This control
pin can be used to null gain error or to compensate for
reference errors. The gain change expressed in LSB is
the same for any output range. See System Offset and
Gain Adjustments in the Operation section. Tie to ground
if not used.
RCOMB (Pin 34): Virtual Ground Point for the DAC B Ref-
erence Amplifier Inverting Resistors. The 20k reference
inverting resistors are connected internally from RINB to
RCOMB and from RCOMB to REFB, respectively (see Block
Diagram). For normal operation tie RCOMB to the negative
input of the external reference inverting amplifier (see
Typical Applications).
REFB (Pins 35, 36): Feedback Resistor for the DAC B
Reference Inverting Amplifier, and Reference Input for
DAC B. The 20k feedback resistor is connected internally
from REFB to RCOMB. For normal operation tie this pin to
the output of the DAC B reference inverting amplifier (see
Typical Applications). Typically –5V; accepts up to ±15V.
Pins 35 and 36 are internally shorted together.
ROFSB (Pins 37, 38): Bipolar Offset Resistor for DAC B.
These pins provide the translation of the output voltage
range for bipolar spans. Accepts up to ±15V; for normal
operation tie to the positive reference voltage at RINB (Pins
31, 32). Pins 37 and 38 are internally shorted together.
RFBB (Pins 39, 40): DAC B Feedback Resistor. For normal
operation tie to the output of the I/V converter amplifier for
DAC B (see Typical Applications). The DAC output current
fromIOUT1BflowsthroughthefeedbackresistortotheRFBB
pins. Pins 39 and 40 are internally shorted together.
IOUT1B (Pin 41): DAC B Current Output. This pin is a virtual
ground when the DAC is operating and should reside at
0V. For normal operation tie to the negative input of the I/V
converter amplifier for DAC B (see Typical Applications).
VOSADJB (Pin 42): DAC B Offset Adjust Pin. This voltage
controlpincanbeusedtonullunipolaroffsetorbipolarzero
error. The offset change expressed in LSB is the same for
anyoutputrange.SeeSystemOffsetandGainAdjustments
in the Operation section. Tie to ground if not used.
VOSADJA (Pin 43): DAC A Offset Adjust Pin. This voltage
controlpincanbeusedtonullunipolaroffsetorbipolarzero
error. The offset change expressed in LSB is the same for
anyoutputrange.SeeSystemOffsetandGainAdjustments
in the Operation section. Tie to ground if not used.
IOUT1A (Pin 44): DAC A Current Output. This pin is a virtual
ground when the DAC is operating and should reside at
0V. For normal operation tie to the negative input of the I/V
converter amplifier for DAC A (see Typical Applications).
RFBA (Pins 45, 46): DAC A Feedback Resistor. For normal
operation tie to the output of the I/V converter amplifier for
DAC A (see Typical Applications). The DAC output current
fromIOUT1AflowsthroughthefeedbackresistortotheRFBA
pins. Pins 45 and 46 are internally shorted together.
ROFSA (Pins 47, 48): Bipolar Offset Resistor for DAC A.
This pin provides the translation of the output voltage
range for bipolar spans. Accepts up to ±15V; for normal
operation tie to the positive reference voltage at RINA (Pins
5, 6). Pins 47 and 48 are internally shorted together.


Similar Part No. - LTC2752BCLX-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2752 LINER-LTC2752 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2752 LINER-LTC2752_15 Datasheet
370Kb / 24P
   Dual16-Bit SoftSpan IOUT DACs
More results

Similar Description - LTC2752BCLX-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2752 LINER-LTC2752_15 Datasheet
370Kb / 24P
   Dual16-Bit SoftSpan IOUT DACs
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2758 LINER-LTC2758_15 Datasheet
412Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2754 LINER-LTC2754 Datasheet
503Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2758 LINER-LTC2758 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2756 LINER-LTC2756_15 Datasheet
338Kb / 24P
   Serial 18-Bit SoftSpan IOUT DAC
LTC2757 LINER-LTC2757 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2757 LINER-LTC2757_15 Datasheet
269Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
logo
Analog Devices
LTC2662 AD-LTC2662 Datasheet
1,022Kb / 28P
   Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
logo
Linear Technology
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com