Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F712-GQ Datasheet(PDF) 7 Page - Silicon Laboratories

Part # C8051F712-GQ
Description  Mixed Signal ISP Flash MCU Family
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F712-GQ Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button C8051F712-GQ Datasheet HTML 3Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 4Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 5Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 6Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 7Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 8Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 9Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 10Page - Silicon Laboratories C8051F712-GQ Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 290 page
background image
Rev. 0.3
7
C8051F70x/71x
30.2.1. 8-Bit UART ............................................................................................ 238
30.2.2. 9-Bit UART ............................................................................................ 239
30.3. Multiprocessor Communications ................................................................... 240
31. Timers ................................................................................................................... 244
31.1. Timer 0 and Timer 1 ...................................................................................... 246
31.1.1. Mode 0: 13-bit Counter/Timer ............................................................... 246
31.1.2. Mode 1: 16-bit Counter/Timer ............................................................... 247
31.1.3. Mode 2: 8-bit Counter/Timer with Auto-Reload..................................... 247
31.1.4. Mode 3: Two 8-bit Counter/Timers (Timer 0 Only)................................ 248
31.2. Timer 2 .......................................................................................................... 254
31.2.1. 16-bit Timer with Auto-Reload............................................................... 254
31.2.2. 8-bit Timers with Auto-Reload............................................................... 255
31.3. Timer 3 .......................................................................................................... 260
31.3.1. 16-bit Timer with Auto-Reload............................................................... 260
31.3.2. 8-bit Timers with Auto-Reload............................................................... 261
32. Programmable Counter Array............................................................................. 266
32.1. PCA Counter/Timer ....................................................................................... 267
32.2. PCA0 Interrupt Sources................................................................................. 268
32.3. Capture/Compare Modules ........................................................................... 268
32.3.1. Edge-triggered Capture Mode............................................................... 270
32.3.2. Software Timer (Compare) Mode.......................................................... 271
32.3.3. High-Speed Output Mode ..................................................................... 272
32.3.4. Frequency Output Mode ....................................................................... 273
32.3.5. 8-bit, 9-bit, 10-bit and 11-bit Pulse Width Modulator Modes ................. 274
32.3.5.1. 8-bit Pulse Width Modulator Mode................................................ 274
32.3.5.2. 9/10/11-bit Pulse Width Modulator Mode...................................... 275
32.3.6. 16-Bit Pulse Width Modulator Mode...................................................... 277
32.4. Register Descriptions for PCA0..................................................................... 278
33. C2 Interface .......................................................................................................... 284
33.1. C2 Interface Registers................................................................................... 284
33.2. C2CK Pin Sharing ......................................................................................... 287
Document Change List.............................................................................................. 288
Contact Information................................................................................................... 290


Similar Part No. - C8051F712-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F712-GQ SILABS-C8051F712-GQ Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F712-GQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com