Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1761022001 Datasheet(PDF) 3 Page - Weidmuller

Part # 1761022001
Description  SL-SMT3.5/8/180F 1.5SN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1761022001 Datasheet(HTML) 3 Page - Weidmuller

  1761022001 Datasheet HTML 1Page - Weidmuller 1761022001 Datasheet HTML 2Page - Weidmuller 1761022001 Datasheet HTML 3Page - Weidmuller 1761022001 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) | Plug connectors,
THR solder connection, pitch 3.5 | SL-SMT 3.5/180F | SL-SMT 3.5/180F 1.5
- 3 -
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
SL-SMT.LIB
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1760962001
SL-SMT3.5/2/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 2, 180°, Box
1760972001
SL-SMT3.5/3/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 3, 180°, Box
1760982001
SL-SMT3.5/4/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 4, 180°, Box
1760992001
SL-SMT3.5/5/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 5, 180°, Box
1761002001
SL-SMT3.5/6/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 6, 180°, Box
1761024001
SL-SMT3.5/8/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 8, 180°, Tape
1761042001
SL-SMT3.5/10/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 10, 180°, Box
1761043001
SL-SMT3.5/10/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 10, 180°, Tray
1761082001
SL-SMT3.5/14/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 14, 180°, Box
1761122001
SL-SMT3.5/18/180F 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 18, 180°, Box


Similar Part No. - 1761022001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1761028-2 MACOM-1761028-2 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
1761028-2 MACOM-1761028-2 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
1761028-2 MACOM-1761028-2 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
1761028-3 MACOM-1761028-3 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
1761028-3 MACOM-1761028-3 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
More results

Similar Description - 1761022001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1761602001 WEIDMULLER-1761602001 Datasheet
94Kb / 5P
   SL-SMT3.5/8/90G 1.5SN
1753002001 WEIDMULLER-1753002001 Datasheet
96Kb / 5P
   SL-SMT3.5/4/180G 1.5SN
1752982001 WEIDMULLER-1752982001 Datasheet
96Kb / 5P
   SL-SMT3.5/2/180G 1.5SN
1753022001 WEIDMULLER-1753022001 Datasheet
96Kb / 5P
   SL-SMT3.5/6/180G 1.5SN
1761542001 WEIDMULLER-1761542001 Datasheet
94Kb / 5P
   SL-SMT3.5/2/90G 1.5SN
1753122001 WEIDMULLER-1753122001 Datasheet
96Kb / 5P
   SL-SMT3.5/16/180G 1.5SN
1761552001 WEIDMULLER-1761552001 Datasheet
94Kb / 5P
   SL-SMT3.5/3/90G 1.5SN
1761582001 WEIDMULLER-1761582001 Datasheet
94Kb / 5P
   SL-SMT3.5/6/90G 1.5SN
1761682001 WEIDMULLER-1761682001 Datasheet
94Kb / 5P
   SL-SMT3.5/16/90G 1.5SN
1775252001 WEIDMULLER-1775252001 Datasheet
83Kb / 4P
   SL-SMT5.08/4/90LF 1.5SN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com