Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3788EGN-1PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3788EGN-1PBF
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788EGN-1PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3788EGN-1PBF Datasheet HTML 1Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 2Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 3Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 4Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 5Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 6Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 7Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 8Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC3788-1
3
37881fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C, VBIAS = 12V, unless otherwise noted (Note 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
gm1,2
Error Amplifier Transconductance
ITH = 1.2V
2
mmho
IQ
Input DC Supply Current
(Note 5)
Pulse-Skipping or Forced Continuous Mode
(One Channel On)
RUN1 = 5V and RUN2 = 0V or RUN1 = 0V
and RUN2 = 5V; VFB1(2) = 1.25V (No Load)
0.9
mA
Pulse-Skipping or Forced Continuous Mode
(Both Channels On)
RUN1,2 = 5V; VFB1,2 = 1.25V (No Load)
1.2
mA
Sleep Mode
(One Channel On)
RUN1 = 5V and RUN2 = 0V or RUN1 = 0V
and RUN2 = 5V; VFB1(2) = 1.25V (No Load)
125
190
μA
Sleep Mode
(Both Channels On)
RUN1,2 = 5V; VFB1,2 = 1.25V (No Load)
200
300
μA
Shutdown
RUN1,2 = 0V
8
20
μA
UVLO
INTVCC Undervoltage Lockout Thresholds
VINTVCC Ramping Up
l
4.1
4.3
V
VINTVCC Ramping Down
l
3.6
3.8
V
VRUN1,2
RUN Pin On Threshold
VRUN Rising
l
1.18
1.28
1.38
V
VRUNHYS
RUN Pin Hysteresis
100
mV
IRUN1,2
RUN Pin Hysteresis Current
VRUN > 1.28V
4.5
μA
IRUN1,2
RUN Pin Current
VRUN < 1.28V
0.5
μA
ISS1,2
Soft-Start Charge Current
VSS = GND
10
μA
VSENSE(MAX)
Maximum Current Sense Threshold
VFB = 1.1V
l
68
75
82
mV
VSENSE(CM)
SENSE Pins Common Mode Range (BOOST
Converter Input Supply Voltage VIN)
2.5
38
V
ISENSE1,2+
SENSE+ Pin Current
VFB = 1.1V
200
300
μA
ISENSE1,2–
SENSEPin Current
VFB = 1.1V
±1
μA
tr(TG1,2)
Top Gate Rise Time
CLOAD = 3300pF (Note 6)
20
ns
tf(TG1,2)
Top Gate Fall Time
CLOAD = 3300pF (Note 6)
20
ns
tr(BG1,2)
Bottom Gate Rise Time
CLOAD = 3300pF (Note 6)
20
ns
tf(BG1,2)
Bottom Gate Fall Time
CLOAD = 3300pF (Note 6)
20
ns
RUP(TG1,2)
Top Gate Pull-Up Resistance
1.2
Ω
RDN(TG1,2)
Top Gate Pull-Down Resistance
1.2
Ω
RUP(TG1,2)
Bottom Gate Pull-Up Resistance
1.2
Ω
RDN(TG1,2)
Bottom Gate Pull-Down Resistance
1.2
Ω
tD(TG/BG)
Top Gate Off to Bottom Gate On
Switch-On Delay Time
CLOAD = 3300pF (Each Driver)
70
ns
tD(BG/TG)
Bottom Gate Off to Top Gate On
Switch-On Delay Time
CLOAD = 3300pF (Each Driver)
70
ns
DFMAX(BG1,2)
Maximum BG Duty Factor
96
%
tON(MIN)
Minimum BG On-Time
(Note 7)
110
ns


Similar Part No. - LTC3788EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788EGN-1PBF LINER-LTC3788EGN-1PBF Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com