Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F911 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F911
Description  Ultra Low Power, High-Performance MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F911 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F911 Datasheet HTML 1Page - Silicon Laboratories C8051F911 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Low-Power MCU
Copyright © 2010 by Silicon Laboratories
5.18.2010
Port 0
Drivers
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
P0.0/VREF
P0.1/AGND
P0.2/XTAL1
P0.3/XTAL2
P0.4/TX
P0.5/RX
P0.6/CNVSTR
P0.7/IREF0
Crossbar Control
Port I/O Configuration
CIP-51 8051
Controller Core
8 kB ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
256 Byte XRAM
Port 1
Drivers
P1.0/CP0+
P1.1/CP0-
P1.2
P1.3
P1.4
P1.5
SPI
Analog Peripherals
Comparator
+
-
VDD
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
12-bit
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
XTAL2
Low Power
20 MHz
Oscillator
6-bit
IREF
VREF
GND
P1.6/XTAL3
IREF0
CP0
SmaRTClock
Oscillator
XTAL3
XTAL4
GND
VREG
Digital
Power
CRC
Engine
P1.7/XTAL4
Port 2
Drivers
P2.7/C2D
P1.0
P1.1
C8051F98x
Ultra Low Power, High-Performance MCU
Ultra-Low Power
- 150 µA/MHz active current from 1.8–3.6 V @ 25 MHz
- 10 nA sleep current with data retention; BOD disabled
- 50 nA sleep current with data retention; BOD enabled
- 300 nA sleep current with smaRTClock (internal oscillator)
- 600 nA sleep current with smaRTClock (external crystal)
- 2 µs wake up from sleep
- 1.5 µs analog settling time
Supply Voltage 1.8 to 3.6 V
- Built-in brown-out detector
- On-chip LDO regulator for core supply
Analog to Digital Converter
- 75 ksps with 12-bit resolution
- 300 ksps with 10-bit resolution
- 330 ksps with 8-bit resolution
- Up to 10-channels
- Autonomous burst mode with 16-bit averaging accumulator
- VREF from external pin, VDD, or internal regulator
- Built-in temperature sensor
Internal 6-Bit Current Reference
- 2 ranges: source or sink capability
- Enhanced resolution via PWM interpolation
Comparator
- Programmable hysteresis and response time
- Configurable as interrupt or reset source
- Low current (< 0.4 µA)
Development Kit: C8051F996DK
High-Speed 8051 µC Core
- Pipe-lined instruction architecture; executes 70% of instructions
in 1 or 2 system clocks
- 25 MIPS peak throughput with 25 MHz clock
- Expanded interrupt handler
Memory
- 512 bytes internal data RAM (256 + 256)
- Up to 8 kB Flash; In-system programmable in 512 byte sectors;
Full read/write/erase functionality over the entire supply range
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-
system debug
Digital Peripherals
- Up to 17 port I/O; Programmable drive strength
- Hardware enhanced UART, SPI and SMBus™ serial ports
- CRC block provides 16-Bit CCITT polynomial calculation
- Four general purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with three capture/
compare modules and enhanced PWM functionality
Clock Sources
- 24.5 MHz ±2% oscillator; supports crystal-less UART operation
- Low power internal oscillator: 20 MHz
- External oscillator: Crystal, RC, C, CMOS clock
- Can switch clock sources on-the-fly; useful for power saving
modes
Temperature Range: -40 to +85 °C
Package Options
- 24-pin QFN (4x4 mm), RoHS compliant
- 24-pin QSOP (easy to hand solder) RoHS compliant
- 20-pin QFN (3x3 mm), RoHS compliant


Similar Part No. - C8051F911

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F911 SILABS-C8051F911 Datasheet
53Kb / 2P
   25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
C8051F911-D-GDI SILABS-C8051F911-D-GDI Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F911-D-GM SILABS-C8051F911-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F911-D-GU SILABS-C8051F911-D-GU Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F911-GD SILABS-C8051F911-GD Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
More results

Similar Description - C8051F911

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F912 SILABS-C8051F912 Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
logo
Axiomtek Co., Ltd.
NA-812B AXIOMTEK-NA-812B Datasheet
220Kb / 1P
   Ultra low power and high performance
NA-812A AXIOMTEK-NA-812A Datasheet
316Kb / 1P
   Ultra low power and high performance
logo
Silicon Laboratories
C8051F96X SILABS-C8051F96X Datasheet
53Kb / 2P
   Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
STMicroelectronics
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
logo
Silicon Laboratories
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com