Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFCGU5S5 Datasheet(PDF) 1 Page - Power-One

Part # DFCGU5S5
Description  SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DFCGU5S5 Datasheet(HTML) 1 Page - Power-One

  DFCGU5S5 Datasheet HTML 1Page - Power-One DFCGU5S5 Datasheet HTML 2Page - Power-One DFCGU5S5 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
Ultra-Wide 3.5 to 16 Volt Input Range
Input Filtered
6 Watts of Output Power
Efficiencies to 77%
700V Isolation
Low Input to Output Capacitance
Ultra-Wide Input Range (4:1)
DESCRIPTION
Designed for digital, ECL, and analog application, the DFC6
Series will provide up to 6 watts in an industry standard package.
Ultra-wide range input voltage allows operation from battery
power as well as system power. The output is electrically isolated,
thereby allowing the output to be configured as a positive or
negative output voltage. Fully isolated and filtered outputs permit
usage in sensitive and low noise circuits.
The 100KHz operating frequency of the DFC6 Series allows an
increased power density while including adequate heat sinking
and input/output filtering. This eliminates the need for external
components in most applications.
Mechanical tolerances unless otherwise noted:
X.XX dimensions: ±0.020 inches
X.XXX dimensions: ±0.005 inches
0.300
0.500
0.000
0.200
2.00
1.00
(12.70)
0.60
(15.2)
(5.08)
(7.62)
1
2
3
4
(25.40)
(50.80)
.040 (1.02) DIA
4 PLACES
BOTTOM VIEW
SIDE VIEW
NOTES
(1)
All parameters measured at Tc=25°C, nominal input voltage and full rated load unless otherwise noted.
Refer to the Technical Reference Section for the definition of terms, measurement circuits and other
information.
(2)
The functional temperature range is intended to give an additional data point for use in evaluating this
power supply. At the low functional temperature the power supply will function with no side effects,
however, sustained operation at the high functional temperature will reduce expected operational life.
The data sheet specifications are not guaranteed beyond the case operating range.
(3)
The case Thermal Impedance is specified as the case temperature rise over ambient per package
dissipated.
(4)
Reduced output power available with 3.5V input. Full power is available above 4.6V input. See input
voltage derating curve for more information
DFC6 SERIES
SINGLE OUTPUT
Rev. 04/2000


Similar Part No. - DFCGU5S5

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFC-10-10-P-A-GF FESTO-DFC-10-10-P-A-GF Datasheet
100Kb / 1P
   Mini guided actuator
DFC-10-10-P-A-KF FESTO-DFC-10-10-P-A-KF Datasheet
100Kb / 1P
   Mini guided actuator
DFC-10-15-P-A-GF FESTO-DFC-10-15-P-A-GF Datasheet
100Kb / 1P
   Mini guided actuator
DFC-10-15-P-A-KF FESTO-DFC-10-15-P-A-KF Datasheet
100Kb / 1P
   Mini guided actuator
DFC-10-20-P-A-GF FESTO-DFC-10-20-P-A-GF Datasheet
100Kb / 1P
   Mini guided actuator
More results

Similar Description - DFCGU5S5

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com