Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFC15U48D15 Datasheet(PDF) 1 Page - Power-One

Part # DFC15U48D15
Description  DUAL OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DFC15U48D15 Datasheet(HTML) 1 Page - Power-One

  DFC15U48D15 Datasheet HTML 1Page - Power-One DFC15U48D15 Datasheet HTML 2Page - Power-One DFC15U48D15 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
1
BOTTOM VIEW
SIDE VIEW
0.000
2.02
(51.31)
0.040 (1.02) DIA
7 PLACES
1.62
(41.15)
2
3
7
6
5
4
1.100
0.700
0.400
0.100
0.600
0.300
0.31
(10.16)
(2.54)
(7.62)
(7.9)
(27.94)
(17.78)
(15.24)
DESCRIPTION
The dual output DFC15 Series of DC/DC converters are designed
to provide a wide range of PCB power solutions where positive and
negative outputs are required. The converter features fully isolated
and filtered input and outputs for low noise. Trim and remote
ON/OFF features give flexibility to designs. The ultra-wide input
range, from 20 to 72 volts, allows use in most industrial and
communication applications.
FEATURES
• Remote ON/OFF and TRIM
• Overcurrent and Overtemperature Protected
• Water Washable Case
• Efficiencies to 82%
• 1544V Isolation
• Ultra-Wide Range Input (>3:1)
DFC15 SERIES
DUAL OUTPUT
Mechanical tolerances unless otherwise noted:
X.XX dimensions: ±0.010 inches
X.XXX dimensions: ±0.005 inches
NOTES
(1)
All parameters measured at Tc = 25°C, nominal input voltage and full rated load unless otherwise noted.
Refer to the Technical Reference Section for the definition of terms, measurement circuits and other
information.
(2)
The logic ON/OFF pin is Open Collector TTL, CMOS, and relay compatible. The input to this pin is
referenced to Pin 2, -Input and is protected to +100 VDC.
(3)
Case is tied to Pin 1, + Input.
(4)
The case thermal impedance is specified as the case temperature rise over ambient per package watt
dissipated.
Rev. 04/2000
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments,
or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are
subject to change without notice.


Similar Part No. - DFC15U48D15

ManufacturerPart #DatasheetDescription
logo
Power-One
DFC15U48S12 POWER-ONE-DFC15U48S12 Datasheet
255Kb / 3P
   SINGLE OUTPUT
DFC15U48S12 POWER-ONE-DFC15U48S12 Datasheet
125Kb / 4P
   DFC15 Single-Output DC-DC Series Data Sheet
DFC15U48S15 POWER-ONE-DFC15U48S15 Datasheet
255Kb / 3P
   SINGLE OUTPUT
DFC15U48S15 POWER-ONE-DFC15U48S15 Datasheet
125Kb / 4P
   DFC15 Single-Output DC-DC Series Data Sheet
DFC15U48S5 POWER-ONE-DFC15U48S5 Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results

Similar Description - DFC15U48D15

ManufacturerPart #DatasheetDescription
logo
Power-One
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
   DUAL OUTPUT
logo
XP Power Limited
IA2405D XPPOWER-IA2405D Datasheet
98Kb / 1P
   Dual Output
logo
NIHON DEMPA KOGYO
NZ2016SK NDK-NZ2016SK_18 Datasheet
870Kb / 1P
   Dual output
logo
Power-One
DFA20E12D POWER-ONE-DFA20E12D Datasheet
1Mb / 4P
   DUAL OUTPUT
logo
Artesyn Technologies
AFC5-F ARTESYN-AFC5-F Datasheet
52Kb / 2P
   Dual output
logo
XP Power Limited
SF_IA XPPOWER-SF_IA Datasheet
225Kb / 1P
   Dual Output
logo
Power-One
DGP12U5D5 POWER-ONE-DGP12U5D5 Datasheet
798Kb / 3P
   DUAL OUTPUT
logo
XP Power Limited
IH2412D XPPOWER-IH2412D Datasheet
95Kb / 1P
   Dual Output
IH2415D XPPOWER-IH2415D Datasheet
95Kb / 1P
   Dual Output
logo
Power-One
DFC10U POWER-ONE-DFC10U Datasheet
879Kb / 3P
   DUAL OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com