Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSH3004-AA20A Datasheet(PDF) 2 Page - Rohm

Part # LSH3004-AA20A
Description  Multi Line Sensor Heads for narrow-width scanners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LSH3004-AA20A Datasheet(HTML) 2 Page - Rohm

  LSH3004-AA20A Datasheet HTML 1Page - Rohm LSH3004-AA20A Datasheet HTML 2Page - Rohm LSH3004-AA20A Datasheet HTML 3Page - Rohm LSH3004-AA20A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.11 - Rev.A
Data Sheet
LSH3004-AA20A
Characteristics
Parameter
SLT
CLK
104.9
300
1296
3.3
0.28
×3
5
0.5
0.25
0.8
±0.2
5 to 45
mm
dpi
dots
V
ms / line
MHz
V
V
V
°C
Symbol
Typ.
Unit
VRMin.
VRMax.
Vod
VDD
Effective scanning width
Primary scan dot density
Total dot number
Power supply voltage
Scanning speed
Clock frequency
Maximum dynamic range
Minimum dynamic range
Dark output
Operating temperature
∗ Analogue signals are produced output at double rate of clock frequency.
Pin assignments
GND
Circuit
CLK
No.
Clock
Start pulse
Power Supply
Ground
Analog Output
LED ground
LED ground
LED ground
1
2
3
4
5
6
7
I
I
I
I
O
I
I
I / O
Functions
SP
RLED
GLED
8I
BLED
LED power supply
9I
VLED
VDD
Ao
Timing chart
(a) CLK Timing Chart
tHOLD
tSETUP
50%
50%
50%
50%
50%
1/fCLK
twCLK
twCLK
ts
CLK
SP
Ao
1pixel
2pixel


Similar Part No. - LSH3004-AA20A

ManufacturerPart #DatasheetDescription
logo
Rohm
LSH3004-AA20A ROHM-LSH3004-AA20A Datasheet
899Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH3004-AA20A ROHM-LSH3004-AA20A_11 Datasheet
899Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
More results

Similar Description - LSH3004-AA20A

ManufacturerPart #DatasheetDescription
logo
Rohm
LSH3004-AA10A ROHM-LSH3004-AA10A Datasheet
156Kb / 4P
   Multi Line Sensor Heads for narrow-width scanners
LSH1004-AB10A ROHM-LSH1004-AB10A Datasheet
170Kb / 5P
   Multi line sensor heads for narrow-width scanners
LSH2004-AA10A ROHM-LSH2004-AA10A Datasheet
182Kb / 4P
   Multi Line Sensor Heads for narrow-width scanners
LSH2004-AA20A ROHM-LSH2004-AA20A Datasheet
164Kb / 5P
   Multi line sensor heads for narrow-width scanners
LSH2004-AA30A ROHM-LSH2004-AA30A Datasheet
162Kb / 5P
   Multi line sensor heads for narrow-width scanners
IA2004-CE50A ROHM-IA2004-CE50A Datasheet
78Kb / 5P
   Image sensor heads for narrow-width scanners
IA3004-ME10A ROHM-IA3004-ME10A Datasheet
63Kb / 5P
   Image sensor heads for narrow-width scanners
IA3004-CE20A ROHM-IA3004-CE20A Datasheet
75Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-CE10A ROHM-IA2004-CE10A Datasheet
62Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-ME32A ROHM-IA2004-ME32A Datasheet
65Kb / 5P
   Image sensor heads for narrow-width scanners
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com