Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1643330000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1643330000
Description  SL 3.5/02/135F 3.2 SN OR BX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1643330000 Datasheet(HTML) 3 Page - Weidmuller

  1643330000 Datasheet HTML 1Page - Weidmuller 1643330000 Datasheet HTML 2Page - Weidmuller 1643330000 Datasheet HTML 3Page - Weidmuller 1643330000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) | Plug connectors,
solder connection, pitch 3.5 | SL 3.5/135 | SL 3.5/135F
- 3 -
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
SL.LIB
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1643340000
SL 3.5/03/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 3, 135°, Box
1643350000
SL 3.5/04/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 4, 135°, Box
1643360000
SL 3.5/05/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 5, 135°, Box
1643370000
SL 3.5/06/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 135°, Box
1643380000
SL 3.5/07/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 7, 135°, Box
1643390000
SL 3.5/08/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 8, 135°, Box
1643400000
SL 3.5/09/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 9, 135°, Box
1643410000
SL 3.5/10/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 135°, Box
1643420000
SL 3.5/11/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 11, 135°, Box
1643430000
SL 3.5/12/135F 3.2 SN OR BX
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 12, 135°, Box


Similar Part No. - 1643330000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1643300 TURCK-1643300 Datasheet
1Mb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
More results

Similar Description - 1643330000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1946250000 WEIDMULLER-1946250000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN OR BX
1983270000 WEIDMULLER-1983270000 Datasheet
75Kb / 3P
   BLF 5.08/02/270LH SN OR BX
1981370000 WEIDMULLER-1981370000 Datasheet
79Kb / 3P
   BLF 5.00/02/90LH SN OR BX
1983080000 WEIDMULLER-1983080000 Datasheet
75Kb / 3P
   BLF 5.08/02/270LR SN OR BX
1002480000 WEIDMULLER-1002480000 Datasheet
78Kb / 3P
   BLF 5.08/02/90LH SN OR BX
1980870000 WEIDMULLER-1980870000 Datasheet
80Kb / 3P
   BLF 5.00/02/90LR SN OR BX
1002280000 WEIDMULLER-1002280000 Datasheet
79Kb / 3P
   BLF 5.08/02/90LR SN OR BX
1945750000 WEIDMULLER-1945750000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN OR BX
1979790000 WEIDMULLER-1979790000 Datasheet
80Kb / 3P
   BLF 5.00/02/90LR SN BK BX
1982120000 WEIDMULLER-1982120000 Datasheet
73Kb / 3P
   BLF 5.08/02/270F SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com