Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK2320-7R Datasheet(PDF) 3 Page - Power-One

Part # FK2320-7R
Description  150 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FK2320-7R Datasheet(HTML) 3 Page - Power-One

  FK2320-7R Datasheet HTML 1Page - Power-One FK2320-7R Datasheet HTML 2Page - Power-One FK2320-7R Datasheet HTML 3Page - Power-One FK2320-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.ch
K Series
150 Watt DC-DC Converters
Pin allocation
Pin
AK 1000, BK...EK 1001
AK 2000
BK…EK 1301/1501/1601 BK…EK 2000
4
Vo1+
Output 1
Vo2+
Output 2
Vo1+
Output 1
Vo2+
Output 2
6
Vo1+
Vo2+
8Vo1–
Output 1
Vo2–
Output 2
Vo1–
Output 1
Vo2–
Output 2
10
Vo1–
Vo2–
12
S+
Sense
Vo1+
Output 1
S+
Sense
Vo1+
Output 1
14
S–
Sense
Vo1–
Output 1
S–
Sense
Vo1–
Output 1
16
R
Control of
Uo1
R
Control of
Uo1
R
Control of
Uo1
R
Control of
Uo1
18
i
Inhibit
i
Inhibit
i
Inhibit
i
Inhibit
20
D
Save data
D
Safe data
D
Save data
D
Save data
V
ACFAIL
22
T
Current sharing
T
Current sharing
T
Current sharing
T
Current sharing
24
Protective earth
Protective earth
Protective earth
Protective earth
26
Vi+
Input
Vi+
Input
Vi+
Input
Vi+
Input
28
Vi+
Vi+
30
Vi–
Input
Vi–
Input
Vi–
Input
Vi–
Input
32
Vi–
Vi–
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion A
Electromagnetic field
IEC/EN 61000-4-3, level x (20 V/m)
criterion A
Electr. fast transients/bursts
IEC/EN 61000-4-4, level 4 (2/4 kV)
criterion A
Surge
IEC/EN 61000-4-5, level 3 (2 kV)
criterion A
Conducted disturbances
IEC/EN 61000-4-6, level 3 (10 V)
criterion A
Electromagnetic emissions
CISPR 22/EN 55022, conducted
class B
Environmental
Operating ambient temperature
Ui nom, Io nom, convection cooled
–25...71
°C
Operating case temperature
TC Ui nom, Io nom
–25...95
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93%, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 6 ms
100 gn
Bump
IEC/EN 60068-2-29, 6 ms
40 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
MTBF
MIL-HDBK-217F, GB, 40
°C
500'000 h
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
40...110 %
Uo nom, excludes feature R and vice versa
P
Input and/or output undervoltage monitoring, excludes option V
D0…D9
Input and/or output undervoltage monitoring (VME), excludes option P
V0, V2, V3
Current sharing
T
Cooling plate
B1


Similar Part No. - FK2320-7R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FK235 FOX-FK235 Datasheet
439Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
FK235R FOX-FK235R Datasheet
439Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
FK236 FOX-FK236 Datasheet
439Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
FK236R FOX-FK236R Datasheet
439Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
FK238 FOX-FK238 Datasheet
439Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
More results

Similar Description - FK2320-7R

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPE-28SC28-A ETA-USA-EPE-28SC28-A Datasheet
123Kb / 3P
   150 WATT DC-DC Converters
logo
List of Unclassifed Man...
CHB150-110S ETC2-CHB150-110S Datasheet
165Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB150-110S CINCON-CHB150-110S Datasheet
204Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
Power-One
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
logo
CINCON ELECTRONICS Corp...
CQB150-300S CINCON-CQB150-300S Datasheet
212Kb / 2P
   150 WATT 2:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-24S05 CINCON-CQB150W-24S05 Datasheet
616Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-110S CINCON-CQB150W-110S Datasheet
318Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
   99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com